データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33063A-Q1 データシート(PDF) 1 Page - Texas Instruments

部品番号 MC33063A-Q1
部品情報  MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

MC33063A-Q1 データシート(HTML) 1 Page - Texas Instruments

  MC33063A-Q1_15 Datasheet HTML 1Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 2Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 3Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 4Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 5Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 6Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 7Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 8Page - Texas Instruments MC33063A-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
+
Q
S
1.25-V
Reference
Regulator
R
CT
Ipk
Oscillator
Q2
Q1
Switch
Collector
4
Switch
Emitter
Timing
Capacitor
GND
3
2
1
8
7
6
5
Comparator
Inverting Input
VCC
Ipk
Sense
Drive
Collector
100 W
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
MC33063A-Q1
SLLS654C – APRIL 2005 – REVISED DECEMBER 2014
MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
1 Features
3 Description
The MC33063A-Q1 device is an easy-to-use IC
1
AEC-Q100 Qualified With the Following Results:
containing all the primary circuitry needed for building
Device HBM ESD Classification Level 2
simple DC-DC converters. The device primarily
Device CDM ESD Classification Level C4B
consists of an internal temperature-compensated
reference, a comparator, an oscillator, a PWM
Wide Input Voltage Range: 3 V to 40 V
controller with active current limiting, a driver, and a
High Output Switch Current: Up to 1.5 A
high-current output switch. Thus, the device requires
Adjustable Output Voltage
minimal external components to build converters in
the boost, buck, and inverting topologies.
Oscillator Frequency: Up to 100 kHz
Precision Internal Reference: 2%
The
MC33063A-Q1
device
is
characterized
for
operation from –40°C to 125°C.
Short-Circuit Current Limiting
Low Standby Current
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
MC33063A-Q1
SOIC (8)
4.90 mm × 3.91 mm
Automotive:
Buck,
Boost,
and
Inverting
(1) For all available packages, see the orderable addendum at
Topologies
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - MC33063A-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
More results

同様の説明 - MC33063A-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
   1.5A Buck/Boost/Inverting DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com