データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1062X データシート(PDF) 3 Page - Vishay Telefunken

部品番号 SI1062X
部品情報  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1062X データシート(HTML) 3 Page - Vishay Telefunken

  SI1062X Datasheet HTML 1Page - Vishay Telefunken SI1062X Datasheet HTML 2Page - Vishay Telefunken SI1062X Datasheet HTML 3Page - Vishay Telefunken SI1062X Datasheet HTML 4Page - Vishay Telefunken SI1062X Datasheet HTML 5Page - Vishay Telefunken SI1062X Datasheet HTML 6Page - Vishay Telefunken SI1062X Datasheet HTML 7Page - Vishay Telefunken SI1062X Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 62661
S12-2732-Rev. B, 12-Nov-12
www.vishay.com
3
Vishay Siliconix
Si1062X
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
0
0.2
0.4
0.6
0.8
0
2
4
6
8
10
12
14
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
0
0.5
1
1.5
2
00.5
11.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 5 V thru 2 V
V
GS = 1 V
V
GS = 1.5 V
0.2
0.4
0.6
0.8
0
0.5
1
1.5
2
I
D - Drain Current (A)
V
GS = 1.5 V
V
GS = 1.8 V
V
GS = 4.5 V
V
GS = 2.5 V
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
10
-4
10
-5
10
-6
10
-7
0
4
7
11
14
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
10
-8
10
-9
0
0.1
0.2
0.3
0.4
0.5
0
0.3
0.6
0.9
1.2
1.5
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
15
30
45
60
0
5
10
15
20
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss


同様の部品番号 - SI1062X

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1062X VISHAY-SI1062X Datasheet
163Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. B, 12-Nov-12
SI1062X VISHAY-SI1062X Datasheet
206Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1062X-T1-GE3 VISHAY-SI1062X-T1-GE3 Datasheet
206Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1062X VISHAY-SI1062X_V01 Datasheet
206Kb / 8P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1062X

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com