データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1002R データシート(PDF) 5 Page - Vishay Telefunken

部品番号 SI1002R
部品情報  N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1002R データシート(HTML) 5 Page - Vishay Telefunken

  SI1002R Datasheet HTML 1Page - Vishay Telefunken SI1002R Datasheet HTML 2Page - Vishay Telefunken SI1002R Datasheet HTML 3Page - Vishay Telefunken SI1002R Datasheet HTML 4Page - Vishay Telefunken SI1002R Datasheet HTML 5Page - Vishay Telefunken SI1002R Datasheet HTML 6Page - Vishay Telefunken SI1002R Datasheet HTML 7Page - Vishay Telefunken SI1002R Datasheet HTML 8Page - Vishay Telefunken SI1002R Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Si1002R
www.vishay.com
Vishay Siliconix
S14-0770-Rev. A, 14-Apr-14
5
Document Number: 64257
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Safe Operating Area, Junction-to-Ambient
Power Derating, Junction-to-Ambient
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the
package limit.
Normalized Thermal Transient Impedance, Junction-to-Ambient
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?64257.
0.001
0.01
0.1
1
10
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 ms
Limited by RDS(on)*
1 ms
T
A = 25 °C
BVDSS Limited
10 ms
100 μs
1 s
DC, 10 s
Limited by I
DM
0
0.05
0.1
0.15
0.2
0.25
0
25
50
75
100
125
150
T
A - Ambient Temperature (°C)
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse


同様の部品番号 - SI1002R

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI1002 SILABS-SI1002 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1002 ETC2-SI1002 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1002-C-GM SILABS-SI1002-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Si1002-E-GM SILABS-Si1002-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1002-E-GM2 SILABS-Si1002-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

同様の説明 - SI1002R

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com