データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4007GL-Z41-B データシート(PDF) 1 Page - Unisonic Technologies

部品番号 1N4007GL-Z41-B
部品情報  GLASS PASSIVATED SILICON RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N4007GL-Z41-B データシート(HTML) 1 Page - Unisonic Technologies

  1N4007GL-Z41-B Datasheet HTML 1Page - Unisonic Technologies 1N4007GL-Z41-B Datasheet HTML 2Page - Unisonic Technologies 1N4007GL-Z41-B Datasheet HTML 3Page - Unisonic Technologies 1N4007GL-Z41-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N4007G
DIODE
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-250.C
GLASS PASSIVATED SILICON
RECTIFIER
DESCRIPTION
The UTC 1N4007G is a glass passivated silicon rectifier, it uses
UTC’s advanced technology to provide customers with high forward
surge current and low reverse leakage, etc.
FEATURES
* Low reverse leakage
* High forward surge current capability
SYMBOL
DO-41
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
1N4007GL-Z41-B
1N4007GP-Z41-B
DO-41
K
A
Tape Box
1N4007GL-Z41-R
1N4007GP-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) B: Tape Box, R: Tape Reel
(2) Z41: DO-41
(3) L: Lead Free, P: Halogen Free
1N4007GL-Z41-B
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING
4007G
Date Code
L: Lead Free
P: Halogen Free
Cathode Band for uni-directional Only


同様の部品番号 - 1N4007GL-Z41-B

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
1N4007GL-T DIODES-1N4007GL-T Datasheet
84Kb / 3P
   1.0A GLASS PASSIVATED RECTIFIER
DS29002 Rev. 6 - 2
More results

同様の説明 - 1N4007GL-Z41-B

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Changzhou Shunye Electr...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shunye Enterprise
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL201G SMC-RL201G Datasheet
210Kb / 4P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Electronics ...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com