データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT62 データシート(PDF) 8 Page - Infineon Technologies AG

部品番号 BAT62
部品情報  Low barrier diode for detectors up to GHz frequencies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT62 データシート(HTML) 8 Page - Infineon Technologies AG

Back Button BAT62_14 Datasheet HTML 4Page - Infineon Technologies AG BAT62_14 Datasheet HTML 5Page - Infineon Technologies AG BAT62_14 Datasheet HTML 6Page - Infineon Technologies AG BAT62_14 Datasheet HTML 7Page - Infineon Technologies AG BAT62_14 Datasheet HTML 8Page - Infineon Technologies AG BAT62_14 Datasheet HTML 9Page - Infineon Technologies AG BAT62_14 Datasheet HTML 10Page - Infineon Technologies AG BAT62_14 Datasheet HTML 11Page - Infineon Technologies AG BAT62_14 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2014-02-13
8
BAT62...
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
BAT62-07W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Puls Load RthJS = ƒ (tp)
BAT62-07W
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Rectifier voltage Vout = ƒ (Vin)
f
= 900MHz
RL = Parameter in kΩ
10
0
10
1
10
2
10
3
10
4
mV
VI
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
mV
1000
500
200
100
50
20
10
Testcircuit
D.U.T
R IN
R L
C L
1nF
50 Ω
V I
V 0


同様の部品番号 - BAT62_14

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BAT62-02L INFINEON-BAT62-02L Datasheet
519Kb / 9P
   Silicon Schottky Diode
Apr-22-2004
BAT62-02L INFINEON-BAT62-02L Datasheet
209Kb / 18P
   Silicon Schottky Diode
2007-04-19
BAT62-02L INFINEON-BAT62-02L Datasheet
1Mb / 19P
   Silicon Schottky Diode
2014-02-13
BAT62-02LS INFINEON-BAT62-02LS Datasheet
209Kb / 18P
   Silicon Schottky Diode
2007-04-19
BAT62-02LS INFINEON-BAT62-02LS Datasheet
1Mb / 19P
   Silicon Schottky Diode
2014-02-13
More results

同様の説明 - BAT62_14

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
   Low Barrier Schottky Diode Detectors
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com