データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1539CDL データシート(PDF) 6 Page - Vishay Telefunken

部品番号 SI1539CDL
部品情報  N- and P-Channel 30 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1539CDL データシート(HTML) 6 Page - Vishay Telefunken

Back Button SI1539CDL Datasheet HTML 2Page - Vishay Telefunken SI1539CDL Datasheet HTML 3Page - Vishay Telefunken SI1539CDL Datasheet HTML 4Page - Vishay Telefunken SI1539CDL Datasheet HTML 5Page - Vishay Telefunken SI1539CDL Datasheet HTML 6Page - Vishay Telefunken SI1539CDL Datasheet HTML 7Page - Vishay Telefunken SI1539CDL Datasheet HTML 8Page - Vishay Telefunken SI1539CDL Datasheet HTML 9Page - Vishay Telefunken SI1539CDL Datasheet HTML 10Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.vishay.com
6
Document Number: 67469
S11-0238-Rev. A, 14-Feb-11
Vishay Siliconix
Si1539CDL
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
0.2
0.4
0.6
0.8
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power Derating, Junction-to-Foot
0
0.09
0.18
0.27
0.36
0.45
025
50
75
100
125
150
T
C - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0
0.08
0.16
0.24
0.32
025
50
75
100
125
150
T
A - Ambient Temperature (°C)


同様の部品番号 - SI1539CDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1539CDL VISHAY-SI1539CDL Datasheet
241Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1539CDL VISHAY-SI1539CDL Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1539CDL-T1-GE3 VBSEMI-SI1539CDL-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1539CDL-T1-GE3 VISHAY-SI1539CDL-T1-GE3 Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1539CDL VISHAY-SI1539CDL_V01 Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1539CDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com