データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1900DL データシート(PDF) 6 Page - Vishay Telefunken

部品番号 SI1900DL
部品情報  Dual N-Channel 30 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TFUNK [Vishay Telefunken]
ホームページ  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1900DL データシート(HTML) 6 Page - Vishay Telefunken

  SI1900DL Datasheet HTML 1Page - Vishay Telefunken SI1900DL Datasheet HTML 2Page - Vishay Telefunken SI1900DL Datasheet HTML 3Page - Vishay Telefunken SI1900DL Datasheet HTML 4Page - Vishay Telefunken SI1900DL Datasheet HTML 5Page - Vishay Telefunken SI1900DL Datasheet HTML 6Page - Vishay Telefunken SI1900DL Datasheet HTML 7Page - Vishay Telefunken SI1900DL Datasheet HTML 8Page - Vishay Telefunken SI1900DL Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN814
Vishay Siliconix
Document Number: 71237
12-Dec-03
www.vishay.com
1
Dual-Channel LITTLE FOOTR SC-70 6-Pin MOSFET
Recommended Pad Pattern and Thermal Performance
INTRODUCTION
This technical note discusses the pin-outs, package outlines,
pad patterns, evaluation board layout, and thermal
performance for dual-channel LITTLE FOOT power
MOSFETs in the SC-70 package. These new Vishay Siliconix
devices are intended for small-signal applications where a
miniaturized package is needed and low levels of current
(around 250 mA) need to be switched, either directly or by
using a level shift configuration. Vishay provides these devices
with a range of on-resistance specifications in 6-pin versions.
The new 6-pin SC-70 package enables improved
on-resistance values and enhanced thermal performance.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1 identification
for the dual-channel SC-70 device in the 6-pin configuration.
FIGURE 1.
SOT-363
SC-70 (6-LEADS)
6
4
1
2
3
5
Top View
S1
G1
D2
D1
G2
S2
For package dimensions see outline drawing SC-70 (6-Leads)
(http://www.vishay.com/doc?71154)
BASIC PAD PATTERNS
See Application Note 826, Recommended Minimum Pad
Patterns With Outline Drawing Access for Vishay Siliconix
MOSFETs, (http://www.vishay.com/doc?72286) for the 6-pin
SC-70. This basic pad pattern is sufficient for the low-power
applications for which this package is intended. For the 6-pin
device, increasing the pad patterns yields a reduction in
thermal resistance on the order of 20% when using a 1-inch
square with full copper on both sides of the printed circuit board
(PCB).
EVALUATION BOARDS FOR THE DUAL
SC70-6
The 6-pin SC-70 evaluation board (EVB) measures 0.6 inches
by 0.5 inches. The copper pad traces are the same as
described in the previous section, Basic Pad Patterns. The
board allows interrogation from the outer pins to 6-pin DIP
connections permitting test sockets to be used in evaluation
testing.
The thermal performance of the dual SC-70 has been
measured on the EVB with the results shown below. The
minimum recommended footprint on the evaluation board was
compared with the industry standard 1-inch square FR4 PCB
with copper on both sides of the board.
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(the Package Performance)
Thermal performance for the dual SC-70 6-pin package
measured as junction-to-foot thermal resistance is 300_C/W
typical, 350_C/W maximum. The “foot” is the drain lead of the
device as it connects with the body. Note that these numbers
are somewhat higher than other LITTLE FOOT devices due to
the limited thermal performance of the Alloy 42 lead-frame
compared with a standard copper lead-frame.
Junction-to-Ambient Thermal Resistance
(dependent on PCB size)
The typical RθJA for the dual 6-pin SC-70 is 400_C/W steady
state. Maximum ratings are 460_C/W for the dual. All figures
based on the 1-inch square FR4 test board. The following
example shows how the thermal resistance impacts power
dissipation for the dual 6-pin SC-70 package at two different
ambient temperatures.


同様の部品番号 - SI1900DL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1900DL VISHAY-SI1900DL Datasheet
42Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. C, 12-Aug-02
SI1900DL VISHAY-SI1900DL Datasheet
223Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1900DL VISHAY-SI1900DL_V01 Datasheet
223Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1900DL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com