データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ12002EXT データシート(PDF) 7 Page - Texas Instruments

部品番号 LMZ12002EXT
部品情報  LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ12002EXT データシート(HTML) 7 Page - Texas Instruments

Back Button LMZ12002EXT_15 Datasheet HTML 3Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 4Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 5Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 6Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 7Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 8Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 9Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 10Page - Texas Instruments LMZ12002EXT_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0
0.3
0.6
0.9
1.2
1.5
1.8
0
0.4
0.8
1.2
1.6
2
25°C
1.8
2.5
3.3
5.0
6.0
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
25°C
1.8
2.5
3.3
5.0
6.0
OUTPUT CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.4
0.8
1.2
1.6
2
25°C
1.2
1.5
1.8
2.5
3.3
5.0
6.0
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
25°C
1.8
1.2
1.5
2.5
3.3
5.0
6.0
OUTPUT CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.4
0.8
1.2
1.6
2
25°C
1.2
1.5
1.8
2.5
3.3
5.0
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
25°C
1.8
1.2
1.5
2.5
3.3
5.0
OUTPUT CURRENT (A)
LMZ12002EXT
www.ti.com
SNVS662G – JUNE 2010 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 10-µF X7R Ceramic; CO = 100-µF X7R Ceramic;
TA = 25°C for efficiency curves and waveforms.
Figure 7. Efficiency 8-V Input at 25°C
Figure 8. Dissipation 6-V Input at 25°C
Figure 9. Efficiency 12-V Input at 25°C
Figure 10. Dissipation 12-V Input at 25°C
Figure 11. Efficiency 20-V Input at 25°C
Figure 12. Dissipation 20-V Input at 25°C
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ12002EXT


同様の部品番号 - LMZ12002EXT_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results

同様の説明 - LMZ12002EXT_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14201EXT TI-LMZ14201EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ12002EXT TI1-LMZ12002EXT Datasheet
3Mb / 23P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
LMZ10505EXT TI1-LMZ10505EXT Datasheet
1Mb / 27P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com