データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ14201 データシート(PDF) 7 Page - Texas Instruments

部品番号 LMZ14201
部品情報  SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201 データシート(HTML) 7 Page - Texas Instruments

Back Button LMZ14201_15 Datasheet HTML 3Page - Texas Instruments LMZ14201_15 Datasheet HTML 4Page - Texas Instruments LMZ14201_15 Datasheet HTML 5Page - Texas Instruments LMZ14201_15 Datasheet HTML 6Page - Texas Instruments LMZ14201_15 Datasheet HTML 7Page - Texas Instruments LMZ14201_15 Datasheet HTML 8Page - Texas Instruments LMZ14201_15 Datasheet HTML 9Page - Texas Instruments LMZ14201_15 Datasheet HTML 10Page - Texas Instruments LMZ14201_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0
0.075
0.15
0.225
0.3
0.375
0.45
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
85°C
1.5
1.8
1.2
2.5
3.3
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
85°C
1.8
1.2
1.5
3.3
2.5
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
3.3
5.0
6.0
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
3.3
5.0
6.0
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
3.3
5.0
6.0
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
3.3
5.0
6.0
LMZ14201
www.ti.com
SNVS649I – JANUARY 2010 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; CIN = 10 uF X7R Ceramic; CO = 100 uF X7R Ceramic;
TA = 25 C for efficiency curves and waveforms.
Figure 7. Efficiency 36-V Input at 25°C
Figure 8. Dissipation 36-V Input at 25°C
Figure 9. Efficiency 42-V Input at 25°C
Figure 10. Dissipation 42-V Input at 25°C
Figure 11. Efficiency 6-V Input at 85°C
Figure 12. Dissipation 6-V Input at 85°C
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ14201


同様の部品番号 - LMZ14201_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI-LMZ14201_13 Datasheet
2Mb / 26P
[Old version datasheet]   LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results

同様の説明 - LMZ14201_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com