データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ14201EXT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ14201EXT
部品情報  1A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14201EXT データシート(HTML) 5 Page - Texas Instruments

  LMZ14201EXT Datasheet HTML 1Page - Texas Instruments LMZ14201EXT Datasheet HTML 2Page - Texas Instruments LMZ14201EXT Datasheet HTML 3Page - Texas Instruments LMZ14201EXT Datasheet HTML 4Page - Texas Instruments LMZ14201EXT Datasheet HTML 5Page - Texas Instruments LMZ14201EXT Datasheet HTML 6Page - Texas Instruments LMZ14201EXT Datasheet HTML 7Page - Texas Instruments LMZ14201EXT Datasheet HTML 8Page - Texas Instruments LMZ14201EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LMZ14201EXT
www.ti.com
SNVS664H – JUNE 2010 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of –55°C
to +125°C. Minimum and Maximum limits are ensured through test, design or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 24 V, VOUT = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN(1) TYP(2)
MAX(1)
UNIT
REGULATION AND OVERVOLTAGE COMPARATOR
VSS >+ 0.8 V
0.798
TJ = -55°C to
V
over the junction temperature (TJ)
125°C
.777
0.818
In-regulation feedback
range of –55°C to 125°C
IO = 1 A
VFB
voltage
VSS >+ 0.8 V
TJ = 25°C
0.786
0.802
0.818
V
IO = 10 mA
Feedback over-voltage
VFB-OV
0.92
V
protection threshold
IFB
Feedback input bias current
5
nA
IQ
Non-switching input current
VFB = 0.86 V
1
mA
ISD
Shutdown quiescent current
VEN = 0 V
25
μA
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown hysteresis Falling
15
°C
PERFORMANCE PARAMETERS(3)
ΔVO
Output Voltage ripple
8
mVPP
ΔVO/ΔVIN
Line regulation
VIN = 12 V to 42 V, IO = 1 A
0.01%
ΔVO/IOUT
Load regulation
VIN = 24 V
1.5
mV/A
η
Efficiency
VIN = 24 V, VO = 3.3 V, IO = 1 A
92%
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON/OFF TIMER
tON-MIN
ON timer minimum pulse width
150
ns
tOFF
OFF timer pulse width
260
ns
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ14201EXT


同様の部品番号 - LMZ14201EXT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZ NSC-LMZ14201EXTTZ Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZ NSC-LMZ14201EXTTZ Datasheet
748Kb / 10P
   LMZ1420xEXT/ LMZ1200xEXT Evaluation Board
LMZ14201EXTTZE NSC-LMZ14201EXTTZE Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
LMZ14201EXTTZX NSC-LMZ14201EXTTZX Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
More results

同様の説明 - LMZ14201EXT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ14202EXT TI-LMZ14202EXT_15 Datasheet
6Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10504EXT TI-LMZ10504EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ10505EXT TI-LMZ10505EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ12002EXT TI-LMZ12002EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
logo
National Semiconductor ...
LMZ14201EXT NSC-LMZ14201EXT Datasheet
3Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ12001EXT TI1-LMZ12001EXT Datasheet
3Mb / 23P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage for Military and Rugged Applications
logo
National Semiconductor ...
LMZ10503EXT NSC-LMZ10503EXT Datasheet
1Mb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com