データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ14203 データシート(PDF) 6 Page - Texas Instruments

部品番号 LMZ14203
部品情報  SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203 データシート(HTML) 6 Page - Texas Instruments

Back Button LMZ14203_15 Datasheet HTML 2Page - Texas Instruments LMZ14203_15 Datasheet HTML 3Page - Texas Instruments LMZ14203_15 Datasheet HTML 4Page - Texas Instruments LMZ14203_15 Datasheet HTML 5Page - Texas Instruments LMZ14203_15 Datasheet HTML 6Page - Texas Instruments LMZ14203_15 Datasheet HTML 7Page - Texas Instruments LMZ14203_15 Datasheet HTML 8Page - Texas Instruments LMZ14203_15 Datasheet HTML 9Page - Texas Instruments LMZ14203_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT(A)
25°C
5.0
3.3
2.5
1.8
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
5.0
3.3
2.5
1.8
25°C
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
0.8
1.2
1.5
1.8
2.5
3.3
5.0
25°C
OUTPUT CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
25°C
5.0
3.3
2.5
1.8
1.5
0.8
1.2
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
2.5
3.3
1.8
1.5
1.2
0.8
25°C
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
3.3
2.5
1.8
1.5
1.2
0.8
25°C
LMZ14203
SNVS632R – DECEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
6.6 Typical Characteristics
Unless otherwise specified, the following conditions apply: VIN = 24 V; CIN = 10-uF X7R Ceramic; CO = 100-uF X7R Ceramic;
TA = 25°C for efficiency curves and waveforms.
Figure 1. Efficiency 6-V Input at 25°C
Figure 2. Dissipation 6-V Input at 25°C
Figure 4. Dissipation 12-V Input at 25°C
Figure 3. Efficiency 12-V Input at 25°C
Figure 6. Dissipation 24-V Input at 25°C
Figure 5. Efficiency 24-V Input at 25°C
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203


同様の部品番号 - LMZ14203_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_1 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results

同様の説明 - LMZ14203_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com