データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ22003 データシート(PDF) 6 Page - Texas Instruments

部品番号 LMZ22003
部品情報  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ22003 データシート(HTML) 6 Page - Texas Instruments

Back Button LMZ22003_15 Datasheet HTML 2Page - Texas Instruments LMZ22003_15 Datasheet HTML 3Page - Texas Instruments LMZ22003_15 Datasheet HTML 4Page - Texas Instruments LMZ22003_15 Datasheet HTML 5Page - Texas Instruments LMZ22003_15 Datasheet HTML 6Page - Texas Instruments LMZ22003_15 Datasheet HTML 7Page - Texas Instruments LMZ22003_15 Datasheet HTML 8Page - Texas Instruments LMZ22003_15 Datasheet HTML 9Page - Texas Instruments LMZ22003_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
0
1
2
3
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
9 Vin
12 Vin
20 Vin
0
1
2
3
0
1
2
3
OUTPUT CURRENT (A)
20 Vin
12 Vin
9 Vin
6 Vin
0
1
2
3
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
9 VIn
12 Vin
20 Vin
0
1
2
3
0
1
2
3
OUTPUT CURRENT (A)
20 Vin
12 Vin
9 Vin
0
1
2
3
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
10 Vin
12 Vin
20 Vin
0
1
2
3
0
1
2
3
OUTPUT CURRENT (A)
20 Vin
12 Vin
10 Vin
LMZ22003
SNVS658I – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
6.6 Typical Characteristics
Unless otherwise specified, the following conditions apply: VIN = 12V; CIN = 2 × 10 μF + 1-μF X7R Ceramic; CO = 220-μF
Specialty Polymer + 10-µF Ceramic; TA = 25°C for waveforms. Efficiency and dissipation plots marked with * have cycle
skipping at light loads resulting is slightly higher Output ripple – See Design Steps section.
Figure 1. Efficiency 6-V Output at 25°C Ambient
Figure 2. Dissipation 6-V Output at 25°C Ambient
Figure 3. Efficiency 5-V Output at 25°C Ambient
Figure 4. Dissipation 5-V Output at 25°C Ambient
Figure 5. Efficiency 3.3-V Output at 25°C Ambient
Figure 6. Dissipation 3.3-V Output at 25°C Ambient
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22003


同様の部品番号 - LMZ22003_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ22003 NSC-LMZ22003 Datasheet
2Mb / 10P
   Evaluation Board to be an easy-to-use platform to evaluate
More results

同様の説明 - LMZ22003_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ12003EXT TI-LMZ12003EXT_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
[Old version datasheet]   5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ14203EXT TI-LMZ14203EXT_15 Datasheet
6Mb / 31P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 42-V Maximum Input Voltage for Military and Rugged Applications
LMZ10503EXT TI-LMZ10503EXT_15 Datasheet
4Mb / 36P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
logo
National Semiconductor ...
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
   5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com