データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ30606 データシート(PDF) 3 Page - Texas Instruments

部品番号 LMZ30606
部品情報  6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ30606 データシート(HTML) 3 Page - Texas Instruments

  LMZ30606_15 Datasheet HTML 1Page - Texas Instruments LMZ30606_15 Datasheet HTML 2Page - Texas Instruments LMZ30606_15 Datasheet HTML 3Page - Texas Instruments LMZ30606_15 Datasheet HTML 4Page - Texas Instruments LMZ30606_15 Datasheet HTML 5Page - Texas Instruments LMZ30606_15 Datasheet HTML 6Page - Texas Instruments LMZ30606_15 Datasheet HTML 7Page - Texas Instruments LMZ30606_15 Datasheet HTML 8Page - Texas Instruments LMZ30606_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMZ30606
www.ti.com
SNVS995 – JULY 2013
ELECTRICAL CHARACTERISTICS
Over -40°C to 85°C free-air temperature, VIN = 3.3 V, VOUT = 1.8 V, IOUT = 6A,
CIN1 = 47 µF ceramic, CIN2 = 220 µF poly-tantalum, COUT1 = 47 µF ceramic, COUT2 = 100 µF poly-tantalum (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0
6
A
VIN
Input voltage range
Over IOUT range
2.95(1)
6
V
VIN = increasing
3.05
3.135
UVLO
VIN Undervoltage lockout
V
VIN = decreasing
2.5
2.75
VOUT(adj)
Output voltage adjust range
Over IOUT range
0.8
3.6
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0A
±1.0% (2)
Temperature variation
-40°C
≤ TA ≤ +85°C, IOUT = 0A
±0.3%
VOUT
Line regulation
Over VIN range, TA = 25°C, IOUT = 0A
±0.1%
Load regulation
Over IOUT range, TA = 25°C
±0.1%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5% (2)
VOUT = 3.3V, fSW = 1 MHz
96%
VOUT = 2.5V, fSW = 1 MHz
94%
VOUT = 1.8V, fSW = 1 MHz
92%
VIN = 5 V
VOUT = 1.5V, fSW = 1 MHz
90%
IO = 3 A
VOUT = 1.2V, fSW =750 kHz
89%
VOUT = 1.0V, fSW = 650 kHz
87%
η
Efficiency
VOUT = 0.8V, fSW = 650 kHz
85%
VIN = 3.3V
VOUT = 1.8V, fSW = 1 MHz
92%
IO = 3 A
VOUT = 1.5V, fSW = 1 MHz
90%
VOUT = 1.2V, fSW = 750 kHz
89%
VOUT = 1.0V, fSW = 650 kHz
87%
VOUT = 0.8V, fSW = 650 kHz
85%
Output voltage ripple
20 MHz bandwith
10
mVPP
ILIM
Overcurrent threshold
9
A
Recovery time
80
µs
Transient response
1.0 A/µs load step from 1.5A to 4.5A
VOUT
120
mV
over/undershoot
VINH-H
Inhibit High Voltage
1.25
Open (3)
Inhibit Control
V
VINH-L
Inhibit Low Voltage
–0.3
1.0
II(stby)
Input standby current
INH pin to AGND
70
100
µA
Good
93%
VOUT rising
Fault
109%
PWRGD Thresholds
Power
Fault
91%
Good
VOUT falling
Good
107%
PWRGD Low Voltage
I(PWRGD) = 0.33 mA
0.3
V
fSW
Switching frequency
Over VIN and IOUT ranges, RT/CLK pin OPEN
400
500
600
kHz
fCLK
Synchronization frequency
500
2000
kHz
VCLK-H
CLK High-Level Threshold
2.2
3.3
V
CLK Control
VCLK-L
CLK Low-Level Threshold
-0.3
0.4
V
CLK_PW CLK Pulse Width
75(4)
ns
Thermal shutdown
170
°C
Thermal Shutdown
Thermal shutdown hysteresis
20
°C
(1)
The minimum VIN depends on VOUT and the switching frequency. Please refer to Table 7 for operating limits.
(2)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(3)
This control pin has an internal pullup. Do not place an external pull-up resistor on this pin. If this pin is left open circuit, the device
operates when input power is applied. A small low-leakage MOSFET is recommended for control. See the application section for further
guidance.
(4)
The maximum synchronization clock pulse width is dependant on VIN, VOUT, and the synchronization frequency. See the
Synchronization (CLK) section for more information.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ30606


同様の部品番号 - LMZ30606_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ30606EVM-003 TI-LMZ30606EVM-003 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGT TI1-LMZ30606RKGT Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGT TI1-LMZ30606RKGT Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

同様の説明 - LMZ30606_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com