データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ31503 データシート(PDF) 4 Page - Texas Instruments

部品番号 LMZ31503
部品情報  3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31503 データシート(HTML) 4 Page - Texas Instruments

  LMZ31503_15 Datasheet HTML 1Page - Texas Instruments LMZ31503_15 Datasheet HTML 2Page - Texas Instruments LMZ31503_15 Datasheet HTML 3Page - Texas Instruments LMZ31503_15 Datasheet HTML 4Page - Texas Instruments LMZ31503_15 Datasheet HTML 5Page - Texas Instruments LMZ31503_15 Datasheet HTML 6Page - Texas Instruments LMZ31503_15 Datasheet HTML 7Page - Texas Instruments LMZ31503_15 Datasheet HTML 8Page - Texas Instruments LMZ31503_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LMZ31503
SNVS992 – JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over -40°C to 85°C free-air temperature, PVIN = VIN = 12 V, VOUT = 1.8 V, IOUT = 3A,
CIN1 = 2x 22 µF ceramic, CIN2 = 68 µF poly-tantalum, COUT1 = 4x 47 µF ceramic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0
3
A
VIN
Input bias voltage range
Over IOUT range
4.5
14.5
V
PVIN
Input switching voltage range
Over IOUT range
1.6(1)
14.5
V
VIN = increasing
4.0
4.5
UVLO
VIN Undervoltage lockout
V
VIN = decreasing
3.5
3.85
VOUT(adj)
Output voltage adjust range
Over IOUT range
0.8
5.5
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0A
±1.0% (2)
Temperature variation
-40°C
≤ TA ≤ +85°C, IOUT = 0A
±0.3%
VOUT
Line regulation
Over PVIN range, TA = 25°C, IOUT = 0A
±0.1%
Load regulation
Over IOUT range, TA = 25°C
±0.1%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5% (2)
VOUT = 5V, fSW = 780kHz
91.5 %
VOUT = 3.3V, fSW = 630kHz
89.0 %
VOUT = 2.5V, fSW = 480kHz
86.9 %
PVIN = VIN = 12 V
IO = 1.5 A
VOUT = 1.8V, fSW = 480kHz
85.2 %
VOUT = 1.2V, fSW = 480kHz
82.1 %
η
Efficiency
VOUT = 0.8V, fSW = 330kHz
78.7 %
PVIN = VIN = 5 V
VOUT = 3.3V, fSW = 630kHz
93.3 %
IO = 1.5 A
VOUT = 2.5V, fSW = 480kHz
91.4 %
VOUT = 1.8V, fSW = 480kHz
88.8 %
VOUT = 1.2V, fSW = 480kHz
85.2 %
VOUT = 0.8V, fSW = 330kHz
81.8 %
Output voltage ripple
20 MHz bandwith
35
mVPP
ILIM
Overcurrent threshold
5.8
A
Recovery time
190
µs
Transient response
1.0 A/µs load step from 50 to 100% IOUT(max)
VOUT
35
mV
over/undershoot
VINH-H
Inhibit High Voltage
1.30
Open (3)
Inhibit Control
V
VINH-L
Inhibit Low Voltage
–0.3
1.05
INH Input current
INH < 1.1 V
-1.15
μA
INH Hysteresis current
INH > 1.26 V
-3.4
μA
II(stby)
Input standby current
INH pin to AGND
2
4
µA
Good
94%
VOUT rising
Fault
109%
PWRGD Thresholds
Power
Fault
91%
Good
VOUT falling
Good
106%
PWRGD Low Voltage
I(PWRGD) = 2 mA
0.3
V
fSW
Switching frequency
Over VIN and IOUT ranges, RT/CLK pin OPEN
270
330
390
kHz
fCLK
Synchronization frequency
330
780
kHz
VCLK-H
CLK High-Level Threshold
2.0
5.5
V
CLK Control
VCLK-L
CLK Low-Level Threshold
0.8
V
DCLK
CLK Duty cycle
20%
80%
Thermal shutdown
160
175
°C
Thermal Shutdown
Thermal shutdown hysteresis
10
°C
(1)
The minimum PVIN voltage is 1.6V or (VOUT+ 0.7V) , whichever is greater. VIN must be greater than 4.5V.
(2)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(3)
This control pin has an internal pullup. If this pin is left open circuit, the device operates when input power is applied. A small low-
leakage (<300 nA) MOSFET is recommended for control. See the application section for further guidance.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31503


同様の部品番号 - LMZ31503_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503RUQR TI1-LMZ31503RUQR Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503RUQR TI1-LMZ31503RUQR Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503RUQT TI1-LMZ31503RUQT Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503RUQT TI1-LMZ31503RUQT Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

同様の説明 - LMZ31503_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com