データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ31506H データシート(PDF) 1 Page - Texas Instruments

部品番号 LMZ31506H
部品情報  6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31506H データシート(HTML) 1 Page - Texas Instruments

  LMZ31506H_15 Datasheet HTML 1Page - Texas Instruments LMZ31506H_15 Datasheet HTML 2Page - Texas Instruments LMZ31506H_15 Datasheet HTML 3Page - Texas Instruments LMZ31506H_15 Datasheet HTML 4Page - Texas Instruments LMZ31506H_15 Datasheet HTML 5Page - Texas Instruments LMZ31506H_15 Datasheet HTML 6Page - Texas Instruments LMZ31506H_15 Datasheet HTML 7Page - Texas Instruments LMZ31506H_15 Datasheet HTML 8Page - Texas Instruments LMZ31506H_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
PVIN = VIN = 5 V
PVIN = VIN = 12 V
VOUT = 3.3 V
fSW = 630 kHz
LMZ31506H
PWRGD
SENSE+
VOUT
VIN
PVIN
INH/UVLO
RT/CLK
VADJ
SS/TR
STSEL
AGND
PGND
C
IN
RSET
COUT
VOUT
VIN
LMZ31506H
www.ti.com
SNVS996 – JULY 2013
6A SIMPLE SWITCHER® Power Module with 4.5V-14.5V Input in QFN Package
Check for Samples: LMZ31506H
1
FEATURES
DESCRIPTION
2
Complete Integrated Power Solution Allows
The
LMZ31506H
SIMPLE
SWITCHER®
power
Small Footprint, Low-Profile Design
module is an easy-to-use integrated power solution
9mm x 15mm x 2.8mm package
that combines a 6-A DC-to-DC converter with power
Efficiencies Up To 96%
MOSFETs, a shielded inductor, and passives into a
low profile, QFN package. This total power solution
Wide-Output Voltage Adjust
allows as few as 3 external components and
1.2 V to 5.5 V, with 1% Reference Accuracy
eliminates the loop compensation and magnetics part
Optional Split Power Rail allows
selection process.
input voltage down to 1.7 V
The 9×15×2.8 mm QFN package is easy to solder
Adjustable Switching Frequency
onto a printed circuit board and allows a compact
(480 kHz to 780 kHz)
point-of-load design with greater than 90% efficiency
Synchronizes to an External Clock
and excellent power dissipation with a thermal
impedance of 13°C/W junction to ambient. The
Adjustable Slow-Start
device delivers the full 6-A rated output current at
Output Voltage Sequencing / Tracking
85°C ambient temperature without airflow.
Power Good Output
The LMZ31506H offers the flexibility and the feature-
Programmable Undervoltage Lockout (UVLO)
set of a discrete point-of-load design and is ideal for
Output Overcurrent Protection
powering performance DSPs and FPGAs. Advanced
packaging technology afford a robust and reliable
Over Temperature Protection
power
solution
compatible
with
standard
QFN
Pre-bias Output Start-up
mounting and testing techniques.
Operating Temperature Range: –40°C to 85°C
SIMPLIFIED APPLICATION
Enhanced Thermal Performance: 13°C/W
Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
APPLICATIONS
Broadband & Communications Infrastructure
Automated Test and Medical Equipment
Compact PCI / PCI Express / PXI Express
DSP and FPGA Point of Load Applications
High Density Distributed Power Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LMZ31506H_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31506HEVM-692 TI-LMZ31506HEVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506HRUQT TI1-LMZ31506HRUQT Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

同様の説明 - LMZ31506H_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com