データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ31530 データシート(PDF) 2 Page - Texas Instruments

部品番号 LMZ31530
部品情報  30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31530 データシート(HTML) 2 Page - Texas Instruments

  LMZ31530_15 Datasheet HTML 1Page - Texas Instruments LMZ31530_15 Datasheet HTML 2Page - Texas Instruments LMZ31530_15 Datasheet HTML 3Page - Texas Instruments LMZ31530_15 Datasheet HTML 4Page - Texas Instruments LMZ31530_15 Datasheet HTML 5Page - Texas Instruments LMZ31530_15 Datasheet HTML 6Page - Texas Instruments LMZ31530_15 Datasheet HTML 7Page - Texas Instruments LMZ31530_15 Datasheet HTML 8Page - Texas Instruments LMZ31530_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LMZ31530
SLVSBC7B – OCTOBER 2013 – REVISED DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN, PVIN
–0.3
20
V
Input Voltage
INH, VADJ, PWRGD, PWRGD_PU, ILIM, FREQ_SEL, SS_SEL, V5V
–0.3
7
V
PH
–1
25
V
Output Voltage
PH 10ns Transient
–2
27
VOUT
–0.3
6
V
VDIFF (GND to exposed thermal
±200
mV
pad)
Operating Junction Temperature
–40
125(2)
°C
Storage Temperature
–55
150
°C
Mechanical Shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
250
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See the temperature derating curves in the Typical Characteristics section for thermal information.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
PVIN
Input Switching Voltage
3.0
14.5
V
VIN
Input Bias Voltage
4.5
14.5
V
VOUT
Output Voltage
0.6
3.6
V
fSW
Switching Frequency
300
850
kHz
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31530


同様の部品番号 - LMZ31530_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31530RLGT TI1-LMZ31530RLGT Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results

同様の説明 - LMZ31530_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com