データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ31530 データシート(PDF) 3 Page - Texas Instruments

部品番号 LMZ31530
部品情報  30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ31530 データシート(HTML) 3 Page - Texas Instruments

  LMZ31530_15 Datasheet HTML 1Page - Texas Instruments LMZ31530_15 Datasheet HTML 2Page - Texas Instruments LMZ31530_15 Datasheet HTML 3Page - Texas Instruments LMZ31530_15 Datasheet HTML 4Page - Texas Instruments LMZ31530_15 Datasheet HTML 5Page - Texas Instruments LMZ31530_15 Datasheet HTML 6Page - Texas Instruments LMZ31530_15 Datasheet HTML 7Page - Texas Instruments LMZ31530_15 Datasheet HTML 8Page - Texas Instruments LMZ31530_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LMZ31530
www.ti.com
SLVSBC7B – OCTOBER 2013 – REVISED DECEMBER 2013
THERMAL INFORMATION
LMZ31530
THERMAL METRIC(1)
RLG
UNIT
72 PINS
θJA
Junction-to-ambient thermal resistance(2)
Natural Convection
8.6
θJA(100LFM)
Junction-to-ambient thermal resistance(3)
100 LFM
7.8
°C/W
ψJT
Junction-to-top characterization parameter(4)
1.6
ψJB
Junction-to-board characterization parameter(5)
4.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance,
θJA, applies to devices soldered directly to a 100 mm x 100 mm, 6-layer PCB with 1 oz.
copper and natural convection cooling. Additional airflow reduces
θJA.
(3)
The junction-to-ambient thermal resistance,
θJA, applies to devices soldered directly to a 100 mm x 100 mm, 6-layer PCB with 1 oz.
copper and 100 LFM forced air cooling. Additional airflow reduces
θJA.
(4)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJT * Pdis + TT; where Pdis is the power dissipated in the device and TT is
the temperature of the top of the device.
(5)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJB * Pdis + TB; where Pdis is the power dissipated in the device and TB is
the temperature of the board 1mm from the device.
PACKAGE SPECIFICATIONS
LMZ31530
UNIT
Weight
4.96 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
26.5 MHrs
Copyright © 2013, Texas Instruments Incorporated
3
Product Folder Links: LMZ31530


同様の部品番号 - LMZ31530_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31530RLGT TI1-LMZ31530RLGT Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results

同様の説明 - LMZ31530_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com