データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ36002 データシート(PDF) 8 Page - Texas Instruments

部品番号 LMZ36002
部品情報  SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ36002 データシート(HTML) 8 Page - Texas Instruments

Back Button LMZ36002_15 Datasheet HTML 4Page - Texas Instruments LMZ36002_15 Datasheet HTML 5Page - Texas Instruments LMZ36002_15 Datasheet HTML 6Page - Texas Instruments LMZ36002_15 Datasheet HTML 7Page - Texas Instruments LMZ36002_15 Datasheet HTML 8Page - Texas Instruments LMZ36002_15 Datasheet HTML 9Page - Texas Instruments LMZ36002_15 Datasheet HTML 10Page - Texas Instruments LMZ36002_15 Datasheet HTML 11Page - Texas Instruments LMZ36002_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C004
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 7.5V, fsw = 400kHz
Vo = 5.0V, fsw = 200kHz
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C004
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 7.5V, fsw = 400kHz
Vo = 5.0V, fsw = 200kHz
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C004
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C004
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C001
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Vo = 7.5V, fsw = 400kHz
Vo = 5.0V, fsw = 200kHz
Vo = 3.3V, fsw = 200kHz
Vo = 2.5V, fsw = 200kHz
C001
LMZ36002
SNVSA92A – SEPTEMBER 2015 – REVISED SEPTEMBER 2015
www.ti.com
6.7 Typical Characteristics
PVIN = 5 V
PVIN = 12 V
Figure 1. Efficiency vs Output Current
Figure 2. Efficiency vs Output Current
PVIN = 5 V
PVIN = 12 V
Figure 3. Voltage Ripple vs Output Current
Figure 4. Voltage Ripple vs Output Current
PVIN = 5 V
PVIN = 12 V
Figure 5. Power Dissipation vs Output Current
Figure 6. Power Dissipation vs Output Current
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMZ36002


同様の部品番号 - LMZ36002_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
More results

同様の説明 - LMZ36002_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ34202 TI1-LMZ34202 Datasheet
629Kb / 31P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMR51420 TI-LMR51420 Datasheet
2Mb / 33P
[Old version datasheet]   LMR51420 SIMPLE SWITCHER짰 Power Converter 4.5-V to 36-V, 2-A, Synchronous Buck Converter in a SOT-23 Package
SLUSEF6 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com