データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ20502 データシート(PDF) 4 Page - Texas Instruments

部品番号 LMZ20502
部品情報  LMZ20502 2 A SIMPLE SWITCHER짰 Nano Module
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMZ20502 データシート(HTML) 4 Page - Texas Instruments

  LMZ20502_15 Datasheet HTML 1Page - Texas Instruments LMZ20502_15 Datasheet HTML 2Page - Texas Instruments LMZ20502_15 Datasheet HTML 3Page - Texas Instruments LMZ20502_15 Datasheet HTML 4Page - Texas Instruments LMZ20502_15 Datasheet HTML 5Page - Texas Instruments LMZ20502_15 Datasheet HTML 6Page - Texas Instruments LMZ20502_15 Datasheet HTML 7Page - Texas Instruments LMZ20502_15 Datasheet HTML 8Page - Texas Instruments LMZ20502_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LMZ20502
SNVS852C – JUNE 2012 – REVISED APRIL 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
Under the recommended operating junction temperature range of -40°C to 125°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN to GND
–0.2
6
EN, MODE, FB, PG, to GND(2)
–0.2
VIN+0.2
V
VOUT to GND(2)
–0.2
VIN+0.2
Junction temperature
150
°C
Peak soldering reflow temperature for Pb(3)
240
°C
Peak soldering reflow temperature for No-Pb(3)
260
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The absolute maximum voltage on this pin must not exceed 6V with respect to ground. Do not allow the voltage on the output pin to
exceed the voltage on the input pin by more than 0.2 V.
(3)
For soldering information, please refer to the following document: SNOA401.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101,
±500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
Under the recommended operating junction temperature range of -40°C to 125°C (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
Input voltage
2.7
5.5
V
Output voltage programming
0.8
3.6
V
Output voltage range (2)
0
3.6
V
Load current
0
2
A
Power good flag current
0
4
mA
Junction temperature
-40
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Under no conditions should the output voltage be allowed to fall below zero volts.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMZ20502


同様の部品番号 - LMZ20502_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ20502 TI1-LMZ20502_16 Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
More results

同様の説明 - LMZ20502_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ20501 TI1-LMZ20501 Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
LMZ20502EVM TI-LMZ20502EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com