データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB10N40E データシート(PDF) 8 Page - ON Semiconductor

部品番号 MTB10N40E
部品情報  High Energy Power FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB10N40E データシート(HTML) 8 Page - ON Semiconductor

Back Button MTB10N40E Datasheet HTML 3Page - ON Semiconductor MTB10N40E Datasheet HTML 4Page - ON Semiconductor MTB10N40E Datasheet HTML 5Page - ON Semiconductor MTB10N40E Datasheet HTML 6Page - ON Semiconductor MTB10N40E Datasheet HTML 7Page - ON Semiconductor MTB10N40E Datasheet HTML 8Page - ON Semiconductor MTB10N40E Datasheet HTML 9Page - ON Semiconductor MTB10N40E Datasheet HTML 10Page - ON Semiconductor MTB10N40E Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MTB10N40E
http://onsemi.com
8
INFORMATION FOR USING THE D2PAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to ensure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
mm
inches
0.33
8.38
0.08
2.032
0.04
1.016
0.63
17.02
0.42
10.66
0.12
3.05
0.24
6.096
POWER DISSIPATION FOR A SURFACE MOUNT DEVICE
The power dissipation for a surface mount device is a
function of the drain pad size. These can vary from the
minimum pad size for soldering to a pad size given for
maximum power dissipation. Power dissipation for a surface
mount device is determined by TJ(max), the maximum rated
junction temperature of the die, RθJA, the thermal resistance
from the device junction to ambient, and the operating
temperature, TA. Using the values provided on the data
sheet, PD can be calculated as follows:
PD =
TJ(max) − TA
RθJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device. For a D2PAK
device, PD is calculated as follows.
PD = 150°C − 25°C
50°C/W
= 2.5 Watts
The 50°C/W for the D2PAK package assumes the use of
the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 2.5 Watts. There are
other alternatives to achieving higher power dissipation from
the surface mount packages. One is to increase the area of
the drain pad. By increasing the area of the drain pad, the
power dissipation can be increased. Although one can
almost double the power dissipation with this method, one
will be giving up area on the printed circuit board which can
defeat the purpose of using surface mount technology. For
example, a graph of RθJA versus drain pad area is shown in
Figure 16.
Figure 16. Thermal Resistance versus Drain Pad
Area for the D2PAK Package (Typical)
2.5 Watts
A, AREA (SQUARE INCHES)
Board Material = 0.0625
G−10/FR−4, 2 oz Copper
TA = 25°C
60
70
50
40
30
20
16
14
12
10
8
6
4
2
0
3.5 Watts
5 Watts
Another alternative would be to use a ceramic substrate or
an aluminum core board such as Thermal Clad™. Using a
board material such as Thermal Clad, an aluminum core
board, the power dissipation can be doubled using the same
footprint.


同様の部品番号 - MTB10N40E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTB10N40E MOTOROLA-MTB10N40E Datasheet
273Kb / 10P
   TMOS POWER FET 10 AMPERES
logo
Inchange Semiconductor ...
MTB10N40E ISC-MTB10N40E Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTB10N40ET4G VBSEMI-MTB10N40ET4G Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

同様の説明 - MTB10N40E

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
ON Semiconductor
MTB16N25E ONSEMI-MTB16N25E Datasheet
280Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MMFT2N25E ONSEMI-MMFT2N25E Datasheet
142Kb / 6P
   High Energy Power FET
May, 2013 ??Rev. 2
MTB3N60E ONSEMI-MTB3N60E Datasheet
146Kb / 4P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB9N25E ONSEMI-MTB9N25E Datasheet
293Kb / 12P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
MTP3N60E ONSEMI-MTP3N60E Datasheet
235Kb / 8P
   High Energy Power FET
August, 2006 ??Rev. 3
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
MTP4N50E ONSEMI-MTP4N50E Datasheet
261Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 2
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com