データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB10N40E データシート(PDF) 1 Page - ON Semiconductor

部品番号 MTB10N40E
部品情報  High Energy Power FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB10N40E データシート(HTML) 1 Page - ON Semiconductor

  MTB10N40E Datasheet HTML 1Page - ON Semiconductor MTB10N40E Datasheet HTML 2Page - ON Semiconductor MTB10N40E Datasheet HTML 3Page - ON Semiconductor MTB10N40E Datasheet HTML 4Page - ON Semiconductor MTB10N40E Datasheet HTML 5Page - ON Semiconductor MTB10N40E Datasheet HTML 6Page - ON Semiconductor MTB10N40E Datasheet HTML 7Page - ON Semiconductor MTB10N40E Datasheet HTML 8Page - ON Semiconductor MTB10N40E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 1
1
Publication Order Number:
MTB10N40E/D
MTB10N40E
Designer’s™ Data Sheet
TMOS E−FET.
High Energy Power FET
D2PAK for Surface Mount
N−Channel Enhancement−Mode Silicon
Gate
The D2PAK package has the capability of housing a larger die than
any existing surface mount package which allows it to be used in
applications that require the use of surface mount components with
higher power and lower RDS(on) capabilities. This high voltage
MOSFET uses an advanced termination scheme to provide enhanced
voltage−blocking capability without degrading performance over
time. In addition, this advanced TMOS E−FET is designed to
withstand high energy in the avalanche and commutation modes. The
new energy efficient design also offers a drain−to−source diode with a
fast recovery time. Designed for high voltage, high speed switching
applications in power supplies, converters and PWM motor controls,
these devices are particularly well suited for bridge circuits where
diode speed and commutating safe operating areas are critical and
offer additional safety margin against unexpected voltage transients.
Robust High Voltage Termination
Avalanche Energy Specified
Source−to−Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
Short Heatsink Tab Manufactured — Not Sheared
Specially Designed Leadframe for Maximum Power Dissipation
Available in 24 mm 13−inch/800 Unit Tape & Reel, Add T4
Suffix to Part Number
http://onsemi.com
TMOS POWER FET
10 AMPERES, 400 VOLTS
RDS(on) = 0.55 W
CASE 418B−02, Style 2
D2PAK
®
D
S
G


同様の部品番号 - MTB10N40E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTB10N40E MOTOROLA-MTB10N40E Datasheet
273Kb / 10P
   TMOS POWER FET 10 AMPERES
logo
Inchange Semiconductor ...
MTB10N40E ISC-MTB10N40E Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTB10N40ET4G VBSEMI-MTB10N40ET4G Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

同様の説明 - MTB10N40E

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
ON Semiconductor
MTB16N25E ONSEMI-MTB16N25E Datasheet
280Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MMFT2N25E ONSEMI-MMFT2N25E Datasheet
142Kb / 6P
   High Energy Power FET
May, 2013 ??Rev. 2
MTB3N60E ONSEMI-MTB3N60E Datasheet
146Kb / 4P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB9N25E ONSEMI-MTB9N25E Datasheet
293Kb / 12P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
MTP3N60E ONSEMI-MTP3N60E Datasheet
235Kb / 8P
   High Energy Power FET
August, 2006 ??Rev. 3
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
MTP4N50E ONSEMI-MTP4N50E Datasheet
261Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 2
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com