データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV16N50E データシート(PDF) 1 Page - ON Semiconductor

部品番号 MTV16N50E
部品情報  Power Field Effect Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTV16N50E データシート(HTML) 1 Page - ON Semiconductor

  MTV16N50E Datasheet HTML 1Page - ON Semiconductor MTV16N50E Datasheet HTML 2Page - ON Semiconductor MTV16N50E Datasheet HTML 3Page - ON Semiconductor MTV16N50E Datasheet HTML 4Page - ON Semiconductor MTV16N50E Datasheet HTML 5Page - ON Semiconductor MTV16N50E Datasheet HTML 6Page - ON Semiconductor MTV16N50E Datasheet HTML 7Page - ON Semiconductor MTV16N50E Datasheet HTML 8Page - ON Semiconductor MTV16N50E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 1
1
Publication Order Number:
MTV16N50E/D
MTV16N50E
Advance Information
TMOS E−FET.
Power Field Effect
Transistor
D3PAK for Surface Mount
N−Channel Enhancement−Mode Silicon
Gate
This high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage−blocking capability without degrading
performance over time. In addition, this advanced TMOS E−FET is
designed to withstand high energy in the avalanche and commutation
modes. The new energy efficient design also offers a drain−to−source
diode with a fast recovery time. Designed for high speed switching
applications in power supplies, converters, PWM motor controls, these
devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional safety margin against unexpected voltage transients.
Robust High Voltage Termination
Avalanche Energy Specified
Source−to−Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
500
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
500
Vdc
Gate−to−Source Voltage — Continuous
VGS
±20
Vdc
Drain Current — Continuous
Drain Current — Continuous @ 100°C
Drain Current — Single Pulse (tp ≤ 10 μs)
ID
ID
IDM
16
9.0
60
Adc
Apk
Total Power Dissipation
Derate above 25°C
Total Power Dissipation @ TA = 25°C (1)
PD
180
1.4
2.0
Watts
W/°C
Watts
Operating and Storage Temperature Range
TJ, Tstg
−55 to 150
°C
Single Pulse Drain−to−Source Avalanche Energy — Starting TJ = 25°C
(VDD = 50 Vdc, VGS = 10 Vdc, Peak IL = 16 Apk, L = 6.7 mH, RG = 25 Ω )
EAS
860
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
Thermal Resistance — Junction to Ambient (1)
RθJC
RθJA
RθJA
0.7
62.5
35
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8″ from case for 10 seconds
TL
260
°C
(1) When surface mounted to an FR4 board using the minimum recommended pad size.
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
http://onsemi.com
TMOS POWER FET
16 AMPERES, 500 VOLTS
RDS(on) = 0.40 W
D3PAK Surface Mount
CASE 433−01
Style 2
®
D
S
G
N−Channel


同様の部品番号 - MTV16N50E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTV16N50E MOTOROLA-MTV16N50E Datasheet
276Kb / 10P
   TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
logo
Inchange Semiconductor ...
MTV16N50E ISC-MTV16N50E Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - MTV16N50E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com