データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N01S818HAT22I データシート(PDF) 7 Page - ON Semiconductor

部品番号 N01S818HAT22I
部品情報  1 Mb Ultra-Low Power Serial SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S818HAT22I データシート(HTML) 7 Page - ON Semiconductor

Back Button N01S818HAT22I Datasheet HTML 3Page - ON Semiconductor N01S818HAT22I Datasheet HTML 4Page - ON Semiconductor N01S818HAT22I Datasheet HTML 5Page - ON Semiconductor N01S818HAT22I Datasheet HTML 6Page - ON Semiconductor N01S818HAT22I Datasheet HTML 7Page - ON Semiconductor N01S818HAT22I Datasheet HTML 8Page - ON Semiconductor N01S818HAT22I Datasheet HTML 9Page - ON Semiconductor N01S818HAT22I Datasheet HTML 10Page - ON Semiconductor N01S818HAT22I Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
N01S818HA
http://onsemi.com
7
Figure 10. DUAL Read Mode Register Sequence (RDMR)
C[3:0] = 05h
Notes:
CS
Instruction
03
2
1
SCK
C3 C2
H
L
MSB
Mode Bits
SIO[1:0]
45
L
H
C1 C0
67
Figure 11. QUAD Read Mode Register Sequence (RDMR)
C[1:0] = 05h
Notes:
CS
Instruction
03
2
1
SCK
C1 C0
H
L
MSB
Mode Bits
SIO[3:0]
Write Mode Register (WRMR)
This instruction provides the ability to write the mode
register. The Write Mode Register operation is executed by
driving CS low, then sending the WRMR instruction to the
device. Immediately after the instruction, the data is driven
to the device on the SO (SIO0-3) pin(s). To complete the
operation, drive CS high to terminate the register write.
Figure 12. SPI Write Mode Register Sequence
CS
Instruction
SI
04
3
25
16
9
810
711
SCK
7
65
43
210
High−Z
Mode Register Data In
SO
00
0
00
1
0
12 13 14 15
0
Figure 13. DUAL Write Mode Register Sequence
C[3:0] = 01h
Notes:
CS
Instruction
03
2
1
SCK
C3 C2
H
L
MSB
Mode Bits
SIO[1:0]
45
L
H
C1 C0
67


同様の部品番号 - N01S818HAT22I

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01S830BA ONSEMI-N01S830BA Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22E ONSEMI-N01S830BAT22E Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22ET ONSEMI-N01S830BAT22ET Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
More results

同様の説明 - N01S818HAT22I

メーカー部品番号データシート部品情報
logo
ON Semiconductor
N01S830HA ONSEMI-N01S830HA_16 Datasheet
99Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
February, 2016 ??Rev. 2
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com