データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10010 データシート(PDF) 5 Page - Texas Instruments

部品番号 LM10010
部品情報  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10010 データシート(HTML) 5 Page - Texas Instruments

  LM10010_15 Datasheet HTML 1Page - Texas Instruments LM10010_15 Datasheet HTML 2Page - Texas Instruments LM10010_15 Datasheet HTML 3Page - Texas Instruments LM10010_15 Datasheet HTML 4Page - Texas Instruments LM10010_15 Datasheet HTML 5Page - Texas Instruments LM10010_15 Datasheet HTML 6Page - Texas Instruments LM10010_15 Datasheet HTML 7Page - Texas Instruments LM10010_15 Datasheet HTML 8Page - Texas Instruments LM10010_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
-40 -20
0
20 40 60 80 100 120 140
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
55
56
57
58
59
60
61
62
63
64
65
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
30
40
50
60
TEMPERATURE (°C)
VDD=5V
VDD=3V
-40 -20
0
20 40 60 80 100 120 140
1.1
1.2
1.3
1.4
1.5
1.6
TEMPERATURE (°C)
VDD=3V
VDD=5V
-40 -20
0
20 40 60 80 100 120 140
220
230
240
250
260
270
TEMPERATURE (°C)
VDD=5V
VDD=3V
-40 -20
0
20 40 60 80 100 120 140
310
320
330
340
350
360
TEMPERATURE (°C)
VDD=5V
VDD=3V
LM10010
www.ti.com
SNVS717C – JULY 2011 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, the following conditions apply: TJ = 25°C, VDD = 5V. All graphs show junction temperature.
Supply Current
Supply Current
(Default Startup)
(Max IDAC Current)
Figure 3.
Figure 4.
Supply Current
Output Compliance to Positive Rail
(EN Low)
(VDD-VIDAC_OUT)
Figure 5.
Figure 6.
Gain Error
IDAC Offset Current
Figure 7.
Figure 8.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM10010


同様の部品番号 - LM10010_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

同様の説明 - LM10010_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com