データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10010 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM10010
部品情報  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10010 データシート(HTML) 1 Page - Texas Instruments

  LM10010_15 Datasheet HTML 1Page - Texas Instruments LM10010_15 Datasheet HTML 2Page - Texas Instruments LM10010_15 Datasheet HTML 3Page - Texas Instruments LM10010_15 Datasheet HTML 4Page - Texas Instruments LM10010_15 Datasheet HTML 5Page - Texas Instruments LM10010_15 Datasheet HTML 6Page - Texas Instruments LM10010_15 Datasheet HTML 7Page - Texas Instruments LM10010_15 Datasheet HTML 8Page - Texas Instruments LM10010_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FB
PGOOD
VIN
LM21215A-1
VOUT
AGND
COMP
PVIN
SW
EN
CIN
COUT
LF
RC1
CC1
CC2
CC3
RFB1
RFB2
RC2
PGND
AVIN
CF
11-16
3
4
17
19
18
20
8,9,10
5,6,7
RF
SS/
TRK
CSS
2
optional
HTSSOP-20
EN
GND
VIDA
1
10
WSON-10
3 mm x 3 mm
VIDB
VIDC
VIDS
9
8
7
4
VDD
IDAC_OUT
3
2
0 - 59.2 PA
LM10010
SYNC
1
VCORE
3V to 5.5V
VID
Interface
CVDD
LM10010
www.ti.com
SNVS717C – JULY 2011 – REVISED MARCH 2013
LM10010 VID Voltage Programmer for Point of Load Regulator
Check for Samples: LM10010
1
FEATURES
DESCRIPTION
The LM10010 is a precision, digitally programmed
2
Output Current Accuracy (-40°C to +125°C)
device used to control the output voltage of a DC/DC
Input Voltage Range: 3V to 5.5V
converter. The LM10010 outputs a DC current
6-Bit Current DAC That Connects Directly to
inversely proportional to a 6-bit input word. This
the Feedback Node of an External Regulator to
current DAC output connects to the feedback pin of a
regulator in order to adjust its output voltage to a
Provide Output Voltage Control
desired range and resolution set by the user. As the
Precision Enable to Support Custom UVLO
6-bit word counts up, the output voltage is adjusted
WSON-10 3 mm x 3 mm Footprint, 0.5 mm
higher based on the setting of the feedback resistors
Pitch
in the converter.
Compatible With the TMS320C66XX DSP Smart
The LM10010 is designed to program point of load
Reflex Technology
regulators with adjustable resistor feedback networks
for VID (Voltage Identification).
APPLICATIONS
Broadband, Networking, and Wireless
Communications
Notebook and Palmtop Computers, PDAs
Portable Instruments
Battery-Powered Equipment
Powering Digital Loads With a 6-Bit, 4 Pin VID
Interface
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM10010_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

同様の説明 - LM10010_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com