データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10010 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM10010
部品情報  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10010 データシート(HTML) 9 Page - Texas Instruments

Back Button LM10010_15 Datasheet HTML 5Page - Texas Instruments LM10010_15 Datasheet HTML 6Page - Texas Instruments LM10010_15 Datasheet HTML 7Page - Texas Instruments LM10010_15 Datasheet HTML 8Page - Texas Instruments LM10010_15 Datasheet HTML 9Page - Texas Instruments LM10010_15 Datasheet HTML 10Page - Texas Instruments LM10010_15 Datasheet HTML 11Page - Texas Instruments LM10010_15 Datasheet HTML 12Page - Texas Instruments LM10010_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LM10010
www.ti.com
SNVS717C – JULY 2011 – REVISED MARCH 2013
Deglitch Time
The four digital input pins all have deglitch filters which prevent transient noise from affecting the operation of the
LM10010. These filters will also impart a small delay to the digital signal. On the VIDS latching signal, there is an
additional delay. As mentioned previously, this allows for the VID data lines and the VIDS strobe to be set
simultaneously without the need for setup time.
Enable Pin and UVLO
The enable (EN) pin allows the output of the device to be enabled or disabled with an external control signal.
This pin is a precision analog input that enables the device when the voltage exceeds 1.34V (typical). The EN pin
has 100 mV of hysteresis and will disable the output when the enable voltage falls below 1.24V (typical). If EN is
not used, it can be left open, and will be pulled high by an internal 2 µA current source. Since the enable pin has
a precise turn-on threshold it can be used along with an external resistor divider network from VIN to configure
the device to turn-on at a precise input voltage.
The LM10010 has a built-in under-voltage lockout (UVLO) protection circuit that keeps the device from operating
until the input voltage reaches 2.65V (typical). The UVLO threshold has 200 mV of hysteresis that keeps the
device from responding to power-on glitches during startup. Note that the enable and the UVLO are functionally
the same as a reset. Bringing the device back from a low enable setting or from a VDD under-voltage event will
reset the device back to its startup default setting.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM10010


同様の部品番号 - LM10010_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

同様の説明 - LM10010_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com