データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10010 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM10010
部品情報  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10010 データシート(HTML) 11 Page - Texas Instruments

Back Button LM10010_15 Datasheet HTML 7Page - Texas Instruments LM10010_15 Datasheet HTML 8Page - Texas Instruments LM10010_15 Datasheet HTML 9Page - Texas Instruments LM10010_15 Datasheet HTML 10Page - Texas Instruments LM10010_15 Datasheet HTML 11Page - Texas Instruments LM10010_15 Datasheet HTML 12Page - Texas Instruments LM10010_15 Datasheet HTML 13Page - Texas Instruments LM10010_15 Datasheet HTML 14Page - Texas Instruments LM10010_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LM10010
www.ti.com
SNVS717C – JULY 2011 – REVISED MARCH 2013
The change in the output voltage can be analyzed based on the resolution of the current DAC from the LM10010
compared to the desired resolution of the output swing of the regulator. RFB1 is designed to provide the desired
LSB for VOUT with the equation:
(2)
Based on the desired default VOUT (with IDAC_OUT = 0 µA), RFB2 can be solved from Eq. 1 above.
Example Solution
Assuming a 400 mV output range, 64 VID codes, and an IDAC LSB of 0.940 µA, it is desired to have a VOUT with
an LSB of 6.4 mV and a default value of 1.1V using an LM21215A-1 regulator:
(3)
(4)
(5)
(6)
Using 1% resistor values, RFB1 can be set to 6.81 kΩ and RFB2 can be set to 8.06 kΩ. This will yield a regulator
output range of 0.704V to 1.107V. At startup, the code of the LM10010 will be 46d (101110b) and will output a
15.97 µA. This will give an output voltage of approximately 1.0V (0.998V) when power is applied and both the
LM10010 and the LM21215A-1 come out of UVLO. Of course, values calculated here will be dependent on the
accuracy of the regulator, the LM10010 IDAC, and the resistor values used in the circuit.
Table 1 shows the codes and some of the resultant values of the IDAC current and the corresponding regulator
output voltage for the previous example.
Table 1. VID Codes with IDAC Current and Regulator Voltage for the Example
VID Code
IDAC Current (µA)
Regulator Voltage (V)
000000b
59.20
0.7038
000001b
58.26
0.7102
000010b
57.32
0.7166
000011b
56.38
0.7230
...
111100b
2.82
1.0878
111101b
1.88
1.0941
111110b
0.94
1.1005
111111b
0.00
1.1069
PC Board Guidelines
The following guidelines should be followed when designing the PC board for the LM10010:
Place the LM10010 close to the regulator feedback pin to minimize the FB trace length.
Place a small capacitor, CVDD, (1 nF) directly adjacent to the VDD and GND pins of the LM10010 to help
minimize transients which may occur on the input supply line.
The high current path from the board’s input to the load and the return path should be parallel and close to
each other to minimize loop inductance.
The ground connections for the various components around the LM10010 should be connected directly to
each other, and to the LM10010’s GND pins, and then connected to the system ground at one point. Do not
connect the various component grounds to each other through the high current ground line.
For additional information about the operation of the regulator, please consult the respective datasheet and
application notes on the respective evaluation boards.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM10010


同様の部品番号 - LM10010_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

同様の説明 - LM10010_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com