データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10010 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10010
部品情報  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10010 データシート(HTML) 4 Page - Texas Instruments

  LM10010 Datasheet HTML 1Page - Texas Instruments LM10010 Datasheet HTML 2Page - Texas Instruments LM10010 Datasheet HTML 3Page - Texas Instruments LM10010 Datasheet HTML 4Page - Texas Instruments LM10010 Datasheet HTML 5Page - Texas Instruments LM10010 Datasheet HTML 6Page - Texas Instruments LM10010 Datasheet HTML 7Page - Texas Instruments LM10010 Datasheet HTML 8Page - Texas Instruments LM10010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
VIDS
IDAC_OUT
Current
t1
VIDA,
VIDB,
VIDC
t2
t3
t4
t1
VID[5:3] Capture
VID[2:0] Capture
t5
t5
t6
t6
IDAC_OUT Update
VID[5:3] Capture
IDAC_OUT Update
LM10010
SNVS717C – JULY 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only. Limits appearing in boldface type apply over the full operating junction
temperature range (-40°C < TJ < +125°C). Unless otherwise noted, specifications apply to the Typical Application Circuit. See
(1).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
DNL
Differential non-linearity
-0.25
0.06
0.25
LSB
Offset
Offset current
VID[5:0] = 111111b
60
nA
VOUT_MAX
Output compliance
VDD-VIDAC_OUT, VDD=3V
1.3
1.75
V
VID Logic Inputs (2)
VIL
Input voltage low
0.4
V
VIH
Input voltage high
1.1
V
IIL
Input current low
-5
µA
IIH
Input current high
5
µA
tDEGLITCH
Input deglitch time
3.4
µs
t1
VIDS delay time to VID latch
VIDS rising edge
1
µs
t2
Input hold time VIDA, VIDB, VIDC valid
VIDS edge
20
µs
t3
VIDS delay time to VID latch
VIDS falling edge
1
µs
t4
Input hold time VIDA, VIDB, VIDC valid
VIDS edge
20
µs
t5
Delay to beginning of IDAC_OUT
Measured from VIDS rising edge
10
17
µs
transition
t6
IDAC_OUT transition time
Time constant for exponential rise
40
µs
(2)
For VID timing, see Figure 2
Timing Diagram
Figure 2. Timing Diagram for LM10010 Communications
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM10010


同様の部品番号 - LM10010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

同様の説明 - LM10010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com