データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10010 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10010
部品情報  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10010 データシート(HTML) 7 Page - Texas Instruments

Back Button LM10010 Datasheet HTML 3Page - Texas Instruments LM10010 Datasheet HTML 4Page - Texas Instruments LM10010 Datasheet HTML 5Page - Texas Instruments LM10010 Datasheet HTML 6Page - Texas Instruments LM10010 Datasheet HTML 7Page - Texas Instruments LM10010 Datasheet HTML 8Page - Texas Instruments LM10010 Datasheet HTML 9Page - Texas Instruments LM10010 Datasheet HTML 10Page - Texas Instruments LM10010 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
rise
Edge-Detector
fall
VIDA
UVLO
D
Q
Q
R
UVLO
rise
fall
VID[3]
Bandgap
Core
+
-
IREF
6 bit
IDAC
IDAC_OUT
(0 - 59.2 uA)
UVLO
(VDD > 2.65V)
PRECISION
ENABLE
(1.34V)
VDD
EN
DISABLE
GND
Slew
Limit
Logic
Receiver
Update DAC
VIDB
VIDC
VIDS
3 Ps
deglitch
Logic
Receiver
3 Ps
deglitch
Logic
Receiver
3 Ps
deglitch
Logic
Receiver
6 Ps
deglitch
VID[0]
D
Q
Q
R
UVLO
D
Q
Q
R
UVLO
rise
fall
VID[4]
VID[1]
D
Q
Q
R
UVLO
D
Q
Q
R
UVLO
rise
fall
VID[5]
VID[2]
D
Q
Q
R
3 Ps
deglitch
LM10010
www.ti.com
SNVS717C – JULY 2011 – REVISED MARCH 2013
BLOCK DIAGRAM
Figure 13. LM10010 Block Diagram
FUNCTIONAL DESCRIPTION
General
The LM10010 is a precision current DAC used for controlling any point of load regulator with an adjustable
resistor feedback network. Four communication lines are used to write to a 6-bit IDAC value. The output of the
IDAC is used to send current to the feedback node of a regulator, adjusting the output voltage. With this method,
it is possible to precisely control the output voltage of the regulator.
An enable pin (EN) is provided to allow for a reduced quiescent current when not in use. Also, the VDD line is
monitored so that an under-voltage event will shut down the device.
The device is available in a 10-pad No-Pullback Leadless Leadframe Package (WSON-10). The LM10010 can
be used in numerous applications with regulators from 3.0V to 5.5V supplies. A block diagram of the LM10010 is
shown in Figure 13 above.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM10010


同様の部品番号 - LM10010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

同様の説明 - LM10010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com