データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10010 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10010
部品情報  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10010 データシート(HTML) 8 Page - Texas Instruments

Back Button LM10010 Datasheet HTML 4Page - Texas Instruments LM10010 Datasheet HTML 5Page - Texas Instruments LM10010 Datasheet HTML 6Page - Texas Instruments LM10010 Datasheet HTML 7Page - Texas Instruments LM10010 Datasheet HTML 8Page - Texas Instruments LM10010 Datasheet HTML 9Page - Texas Instruments LM10010 Datasheet HTML 10Page - Texas Instruments LM10010 Datasheet HTML 11Page - Texas Instruments LM10010 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Slave Regulator
FB
VOUT
LM10010
RFB1
RFB2
+
-
VOUT
VFB
+
-
+
-
IRFB2
IDAC_OUT
IRFB1
VRFB1
+
-
IDAC_OUT
VID
LM10010
LM10010
SNVS717C – JULY 2011 – REVISED MARCH 2013
www.ti.com
Theory of Operation
The LM10010 can be thought of as a D/A converter, converting the VID communication to analog outputs. In this
device, the output is a current DAC (IDAC_OUT), which is connected to the feedback node of a slave regulator.
Therefore, all VID data words are decoded into a 6-bit current DAC output. The impedance of the feedback node
at DC appears as the top feedback resistor. This is because the control loop of the slave regulator effectively
maintains a constant current/voltage across the bottom feedback resistor, and creates low impedance at the
VOUT node. Therefore, as more current is sourced into the feedback node, the more the output voltage is
reduced. See Figure 14.
Figure 14. Output voltage is controlled via current injection into the feedback node
Current DAC
The LM10010 current DAC is based on a low voltage bandgap reference setting a current through a precision
adjustable resistor. This bandgap is trimmed for precision and gives excellent performance over temperature.
The output current has a maximum full-scale range of 59.2 µA and is adjustable with the 6-bit VID word. This
allows for 64 settings, with a resolution of 940 nA. The current DAC also has a slew limit to prevent abrupt
changes in the output. As the VID data lines are set for the output voltage for the regulator, deglitch filters
provide a small delay and the output current rises with a 1-e-t function that can be identified by a time constant.
VID Programming
Four pins are used to communicate with the LM10010. VIDC, VIDB, and VIDA are data lines, while VIDS is a
latching strobe that programs in the LM10010 data. As shown in the Timing Diagram in Figure 2, the falling edge
of VIDS latches in the data from VIDC, VIDB, and VIDA as the lower three LSB of the IDAC value. After a
minimum hold time, the rising edge of VIDS latches in the data from VIDC, VIDB, and VIDA as the upper three
LSB of the IDAC value. Internally, a delay on VIDS allows for the setting of all VID lines simultaneously.
The VID data word is set so that the lowest output current is seen at the highest VID data word (59.2 µA at a
code of 0d). Conversely, the lowest current is seen at the highest VID data word (0 µA at 63d). During VID
operation with the regulator, this will translate to the lowest output voltage with the lowest VID word, and the
highest output voltage with the highest VID word. The communications pins can be used with a low voltage
microcontroller, with a maximum VIL of 0.4V and a minimum VIH of 1.1V.
Upon startup, the IDAC is set at a code of 46d, which translates to approximately 16 µA. This default startup
value is trimmed at final test. For applications with a different default output current at startup, please contact
Texas Instruments.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM10010


同様の部品番号 - LM10010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

同様の説明 - LM10010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com