データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10010 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10010
部品情報  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10010 データシート(HTML) 2 Page - Texas Instruments

  LM10010 Datasheet HTML 1Page - Texas Instruments LM10010 Datasheet HTML 2Page - Texas Instruments LM10010 Datasheet HTML 3Page - Texas Instruments LM10010 Datasheet HTML 4Page - Texas Instruments LM10010 Datasheet HTML 5Page - Texas Instruments LM10010 Datasheet HTML 6Page - Texas Instruments LM10010 Datasheet HTML 7Page - Texas Instruments LM10010 Datasheet HTML 8Page - Texas Instruments LM10010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
VDD
IDAC_OUT
GND
VIDS
VIDC
VIDB
VIDA
NC
1
3
2
5
4
10
9
8
7
6
DAP
EN
NC
LM10010
SNVS717C – JULY 2011 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
WSON-10 3mm x 3mm
0.5mm pitch
Pin Descriptions
Pin No.
Name
Description
1
GND
Ground.
2
IDAC_OUT
Output current DAC that connects to the feedback node of the regulator.
3
VDD
Positive supply input.
4
EN
Precision enable input.
5
NC
No Connect.
6
NC
No Connect.
7
VIDA
VID digital input: Bit 0 when VIDS transitions low; Bit 3 when VID transitions high.
8
VIDB
VID digital input: Bit 1 when VIDS transitions low; Bit 4 when VID transitions high.
9
VIDC
VID digital input: Bit 2 when VIDS transitions low; Bit 5 when VID transitions high.
10
VIDS
VID select line: Transition low selects lower 3 bits, Transition high selects upper 3 bits.
DAP
DAP
Die Attach Pad. Not electrically connected to device, connect to system ground plane for reduced thermal
resistance.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM10010


同様の部品番号 - LM10010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

同様の説明 - LM10010

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com