データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10011 データシート(PDF) 5 Page - Texas Instruments

部品番号 LM10011
部品情報  LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10011 データシート(HTML) 5 Page - Texas Instruments

  LM10011_15 Datasheet HTML 1Page - Texas Instruments LM10011_15 Datasheet HTML 2Page - Texas Instruments LM10011_15 Datasheet HTML 3Page - Texas Instruments LM10011_15 Datasheet HTML 4Page - Texas Instruments LM10011_15 Datasheet HTML 5Page - Texas Instruments LM10011_15 Datasheet HTML 6Page - Texas Instruments LM10011_15 Datasheet HTML 7Page - Texas Instruments LM10011_15 Datasheet HTML 8Page - Texas Instruments LM10011_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM10011
www.ti.com
SNVS822A – DECEMBER 2012 – REVISED NOVEMBER 2014
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY, UVLO, AND ENABLE
IQ
Quiescent current
VDD = 5.0 V, VEN = 2.0 V
260
300
µA
IQ_FS
Quiescent current, IDAC_OUT = IFS_6
VDD = 5.0 V, VEN = 2.0 V, IFS_6
382
µA
IQ_DIS
Quiescent current disabled
VDD = 5.0 V, VEN = 0.0 V
45
65
µA
VUVLO_R
Undervoltage rising threshold
VDD rising
2.65
2.95
V
VUVLO_F
Undervoltage falling threshold
VDD falling
2.2
2.45
V
VUVLO_HYS
Hysteresis
200
mV
VEN
Enable rising threshold
VEN rising
1.20
1.34
1.45
V
VEN_HYS
Enable hysteresis
50
100
180
mV
IEN
Enable pullup current
2
µA
IDAC_OUT
ACC
Accuracy
Measured at full scale
–1.25
1.25
%
ACC
Accuracy
Measured at full scale, 0°C to 100°C
–1.0
1.0
%
LSB_6
DAC step size, 6-bit mode
940
nA
IFS_6 / (26 – 1)
LSB_4
DAC step size, 4-bit mode
3.76
µA
IFS_4 / (24 – 1)
IFS_6
Full-scale output current (6-bit mode)
VID[5:0] = 000000b
59.2
µA
IFS_4
Full-scale output current (4-bit mode)
VID[3:0] = 0000b
56.4
µA
INL
Integral non-linearity
–1
1
LSB_6
DNL
Differential non-linearity
–0.25
0.25
LSB_6
OFFSET
Offset current
VID[5:0] = 111111b (6-bit), VID[3:0] = 1111b (4-bit)
60
nA
VOUT_MAX
IDAC_OUT compliance voltage
VDD = 3 V, VDD-VIDAC_OUT
1.75
V
START-UP SET CURRENT
VSETFSR
SET pin voltage FSR
1.12
1.2
1.23
V
SETRES
SET ADC resolution
4
bits
SETRNG
SET ADC current full-scale range
56.4
µA
ISET
SET Current
4.75
5.1
5.40
µA
SET0
Start-up DAC error, code 0
RSET = 0 Ω, IDAC_OUT = 56.4 µA
0
0
LSB
SET1
Start-up DAC error, code 1
RSET = 21.0 kΩ
(3), I
DAC_OUT = 52.7 µA
0
0
LSB
SET2
Start-up DAC error, code 2
RSET = 35.7 kΩ
(3), I
DAC_OUT = 48.9 µA
0
0
LSB
SET3
Start-up DAC error, code 3
RSET = 51.1 kΩ
(3), I
DAC_OUT = 45.2 µA
0
0
LSB
SET4
Start-up DAC error, code 4(4)
RSET = 71.5 kΩ
(3), I
DAC_OUT = 41.4 µA
0
1
LSB
SET5
Start-up DAC error, code 5(4)
RSET = 86.6 kΩ
(3), I
DAC_OUT = 37.7 µA
0
1
LSB
SET6
Start-up DAC error, code 6(4)
RSET = 105 kΩ
(3), I
DAC_OUT = 33.9 µA
0
1
LSB
SET7
Start-up DAC error, code 7(4)
RSET = 118 kΩ
(3), I
DAC_OUT = 30.1 µA
0
1
LSB
SET8
Start-up DAC error, code 8(4)
RSET = 140 kΩ
(3), I
DAC_OUT =26.4 µA
0
1
LSB
SET9
Start-up DAC error, code 9(4)
RSET = 154 kΩ
(3), I
DAC_OUT = 22.6 µA
0
1
LSB
SET10
Start-up DAC error, code 10(4)
RSET = 169 kΩ
(3), I
DAC_OUT = 18.8 µA
0
1
LSB
SET11
Start-up DAC error, code 11(4)
RSET = 182 kΩ
(3), I
DAC_OUT = 15.1 µA
0
1
LSB
SET12
Start-up DAC error, code 12(4)
RSET = 200 kΩ
(3), I
DAC_OUT = 11.3 µA
0
1
LSB
SET13
Start-up DAC error, code 13(4)
RSET = 215 kΩ
(3), I
DAC_OUT = 7.59 µA
0
1
LSB
SET14
Start-up DAC error, code 14(4)
RSET = 237 kΩ
(3), I
DAC_OUT = 3.80 µA
0
1
LSB
SET15
Start-up DAC error, code 15
RSET = 301 kΩ
(3), I
DAC_OUT = 0.06 µA
0
0
LSB
(1)
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
The junction temperature (TJ in °C) is calculated from the ambient temperature (TA in °C) and power dissipation (PD in Watts) as follows:
TJ = TA + (PD × RθJA) where RθJA (in °C/W) is the package thermal impedance provided in the Thermal Information section.
(3)
RSET is based on 1% E96 standard resistor values.
(4)
"+1" LSB implies a positive step in CODE. LSB is in reference to LSB_4.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM10011


同様の部品番号 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011SD/NOPB TI-LM10011SD/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10011SDX/NOPB TI-LM10011SDX/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results

同様の説明 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011 TI-LM10011 Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com