データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10011 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM10011
部品情報  LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10011 データシート(HTML) 7 Page - Texas Instruments

Back Button LM10011_15 Datasheet HTML 3Page - Texas Instruments LM10011_15 Datasheet HTML 4Page - Texas Instruments LM10011_15 Datasheet HTML 5Page - Texas Instruments LM10011_15 Datasheet HTML 6Page - Texas Instruments LM10011_15 Datasheet HTML 7Page - Texas Instruments LM10011_15 Datasheet HTML 8Page - Texas Instruments LM10011_15 Datasheet HTML 9Page - Texas Instruments LM10011_15 Datasheet HTML 10Page - Texas Instruments LM10011_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100 125 150
-81&7,217(03(5$785( Û&
C006
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
-50
-25
0
25
50
75
100 125 150
-81&7,217(03(5$785( Û&
C009
VDD RISING
VDD FALLING
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100 125 150
-81&7,217(03(5$785( Û&
C007
VDD = 5.5V
VDD = 3.3V
-0.5
-0.3
-0.1
0.1
0.3
0.5
-50
-25
0
25
50
75
100 125 150
-81&7,217(03(5$785( Û&
C005
360
365
370
375
380
385
390
-50
-25
0
25
50
75
100 125 150
-81&7,217(03(5$785( Û&
C010
VDD = 2.97V
VDD = 5.0V
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100 125 150
-81&7,217(03(5$785( Û&
C003
VDD = 2.97V
VDD = 5.0V
LM10011
www.ti.com
SNVS822A – DECEMBER 2012 – REVISED NOVEMBER 2014
6.6 Typical Characteristics
Unless otherwise specified, the following conditions apply: TJ = 25°C, VDD = 5 V. All graphs show junction temperature.
Figure 2. Supply Current
Figure 3. Supply Current (EN LOW)
Maximum Output Current VID = [000000]
Figure 4. Output Compliance to Positive Rail
Figure 5. Gain Error
(VDD-VIDAC_OUT)
Figure 6. IDAC_OUT Offset Current
Figure 7. UVLO Thresholds
VID = [111111]
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM10011


同様の部品番号 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011SD/NOPB TI-LM10011SD/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10011SDX/NOPB TI-LM10011SDX/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results

同様の説明 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011 TI-LM10011 Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com