データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10011 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM10011
部品情報  LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10011 データシート(HTML) 10 Page - Texas Instruments

Back Button LM10011_15 Datasheet HTML 6Page - Texas Instruments LM10011_15 Datasheet HTML 7Page - Texas Instruments LM10011_15 Datasheet HTML 8Page - Texas Instruments LM10011_15 Datasheet HTML 9Page - Texas Instruments LM10011_15 Datasheet HTML 10Page - Texas Instruments LM10011_15 Datasheet HTML 11Page - Texas Instruments LM10011_15 Datasheet HTML 12Page - Texas Instruments LM10011_15 Datasheet HTML 13Page - Texas Instruments LM10011_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Slave Regulator
FB
VOUT
LM10011
RFB1
RFB2
+- VOUT
VFB
+
-
+
-
IRFB2
IDAC_OUT
IRFB1
VRFB1
+
-
IDAC_OUT
VID
LM10011
LM10011
SNVS822A – DECEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
7.3 Feature Description
The LM10011 can be treated as a D/A converter, converting digital VID codes to analog outputs. The LM10011
DAC analog output is a current that flows out of the IDAC_OUT pin. The IDAC_OUT pin is intended to be
connected to the feedback node of a voltage regulator as shown in Figure 11. In a typical voltage regulator, the
current in RFB2 is constant by virtue of the regulator feedback loop maintaining the reference voltage at the
feedback node. The current flowing through RFB2 is the same current flowing through RFB1. When current is
injected into the feedback node by the LM10011, less current is required from the RFB1 resistor. The
consequence of this is that the output voltage of the regulator will decrease to maintain the total amount of
current in RFB2 to regulate at the correct feedback (reference) voltage.
Each VID code corresponds to a different IDAC_OUT current and thus a different output voltage. Increasing the
VID code lowers the IDAC_OUT current and raises the output voltage. Decreasing the VID code raises the
IDAC_OUT current and lowers the output voltage. All VID codes are decoded into a 6-bit or 4-bit current DAC
output whether the MODE equals 0 (connected to GND) or 1 (connected to VDD), respectively.
Figure 11. Output Voltage (VOUT) is Controlled Via Current Injection into the Feedback Node
7.3.1 Current DAC
The LM10011 current DAC is based on a low-voltage bandgap reference setting a current through a precision
adjustable resistor. This bandgap is trimmed for precision and gives excellent performance over temperature.
The output current has a maximum full-scale range [VID = 000000b] of 59.2 µA and is adjustable with a 6- or 4-
bit VID word. This allows for 64 or 16 settings with a resolution of 940 nA or 3.76 µA, respectively. The current
DAC also has a slew limit to prevent abrupt changes in the output. The slew limit is represented as a time
constant, t6 = 40 µs, in the Electrical Characteristics table. A deglitch filter for the VID inputs provides noise
immunity and effectively adds a small delay from the transition of a VID line to the change in IDAC_OUT current.
7.3.2 Enable Pin and UVLO
The enable (EN) pin allows the output of the device to be enabled or disabled (IDAC_OUT = 0.0 µA) with an
external control signal. This pin is a precision analog input that enables the device when the voltage exceeds
1.34 V. The EN pin has 100 mV of hysteresis and will disable the output when the enable voltage falls below
1.23 V. If EN is not used, it can be left open, and will be pulled high by an internal 2-
μA current source. Since the
EN pin has a precise turn-on threshold it can be used along with an external resistor divider network from VDD to
configure the device to turn on at a precise input voltage.
The LM10011 has a built-in undervoltage lockout (UVLO) protection circuit that keeps the device from operating
until the input voltage reaches 2.65 V (typical). The UVLO threshold has 200 mV of hysteresis that keeps the
LM10011 from responding to power-on glitches during start-up. Note that descending below the EN voltage
and/or the UVLO voltage are functionally the same as a reset. Bringing the device back from a low enable setting
or from a VDD UVLO event will reset the IDAC_OUT current to its start-up RSET setting.
10
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM10011


同様の部品番号 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011SD/NOPB TI-LM10011SD/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10011SDX/NOPB TI-LM10011SDX/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results

同様の説明 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011 TI-LM10011 Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com