データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10011 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM10011
部品情報  LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10011 データシート(HTML) 11 Page - Texas Instruments

Back Button LM10011_15 Datasheet HTML 7Page - Texas Instruments LM10011_15 Datasheet HTML 8Page - Texas Instruments LM10011_15 Datasheet HTML 9Page - Texas Instruments LM10011_15 Datasheet HTML 10Page - Texas Instruments LM10011_15 Datasheet HTML 11Page - Texas Instruments LM10011_15 Datasheet HTML 12Page - Texas Instruments LM10011_15 Datasheet HTML 13Page - Texas Instruments LM10011_15 Datasheet HTML 14Page - Texas Instruments LM10011_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM10011
www.ti.com
SNVS822A – DECEMBER 2012 – REVISED NOVEMBER 2014
7.4 Device Functional Modes
Table 1 lists the functional modes of the LM10011 device.
Table 1. Mode Pin Summary
MODE PIN CONNECTION
LOGIC STATE
DESCRIPTION
GND
0
6-bit mode
VDD
1
4-bit mode
7.5 Programming
7.5.1 VID Programming, 6-Bit Mode
Four pins are used to communicate with the LM10011. In 6-bit mode (MODE = 0), VIDA, VIDB, and VIDC are
data lines, while VIDS is a latching strobe that programs in the LM10011 data. As shown in the 6-bit mode timing
diagram of Figure 1, the falling edge of VIDS latches in the data from VIDA, VIDB, and VIDC as the lower three
LSB of the IDAC_OUT value, [2:0]. After a minimum hold time (t2), the rising edge of VIDS latches in the data
from VIDA, VIDB, and VIDC as the upper three LSB of the IDAC_OUT value, [5:3]. Internally, a delay (t3,t1) on
VIDS allows for the setting of all VIDA, VIDB, and VIDC lines to change simultaneously as VIDS rises or falls.
7.5.2 VID Programming, 4-Bit Mode
The LM10011 includes a 4-bit mode to facilitate parallel VID communication. In 4-bit mode (MODE = 1), VIDC,
VIDB, VIDA, and VIDS are all parallel data lines. As shown in the 4-bit mode timing diagram in Figure 1, a
changing edge of any of the VID communication lines will change the IDAC_OUT current to the corresponding
new 4-bit value found on the data lines. There is a 3-
μs deglitch filter to eliminate spurious noise events. The
data must overcome the deglitch time and the minimum hold time (t7) or else the IDAC_OUT pin current may not
reflect the value indicated at the VID data inputs. During the hold time, no other data line can be transitioned.
As mentioned in a previous section, for both the 4-bit and 6-bit mode, the VID data word is set so that the lowest
output current is seen at the highest VID data word (59.2 µA at a code of 0d in 6-bit mode and 56.4 µA in 4-bit
mode). Conversely, the lowest current is seen at the highest VID data word (0.06 µA at 63d or 15d). During VID
operation with the regulator, this will translate to the lowest output voltage with the lowest VID word, 0d, and the
highest output voltage with the highest VID word, 63d or 15d. The communications pins can be used with a low-
voltage microcontroller with a maximum VIL of 0.75 V and a minimum VIH of 1.0 V.
7.5.3 Programming the Start-Up Current
Depending on the value of RSET during start-up (when VDD > VUVLO_R and EN > VEN), the output current on
the IDAC_OUT pin will take on 1 of 16 discrete values corresponding to the currents available in the 4-bit mode.
These discrete start-up currents can be programmed by connecting a resistor (RSET) from the SET pin to GND. If
the EN voltage is toggled or a UVLO is triggered during operation, the current will default back to the value set by
the RSET resistor. It takes only one VID command transition in either 4-bit or 6-bit mode to change the current to
something other than the pre-programmed start-up current. The required RSET resistors and their corresponding
start-up currents codes can be found in Table 2.
Table 2. Start-Up–4-Bit Mode Currents with Corresponding RSET Values and Output Currents
VID CODE
NOMINAL IDAC_OUT CURRENT (µA)
RSET (kΩ)
0000b (0d)
56.4
0
0001b (1d)
52.7
21.0
0010b (2d)
48.9
35.7
0011b (3d)
45.2
51.1
0100b (4d)
41.4
71.5
0101b (5d)
37.7
86.6
0110b (6d)
33.9
105
0111b (7d)
30.1
118
1000b (8d)
26.4
140
1001b (9d)
22.6
154
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM10011


同様の部品番号 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011SD/NOPB TI-LM10011SD/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10011SDX/NOPB TI-LM10011SDX/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results

同様の説明 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011 TI-LM10011 Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com