データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10011 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM10011
部品情報  LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM10011 データシート(HTML) 3 Page - Texas Instruments

  LM10011_15 Datasheet HTML 1Page - Texas Instruments LM10011_15 Datasheet HTML 2Page - Texas Instruments LM10011_15 Datasheet HTML 3Page - Texas Instruments LM10011_15 Datasheet HTML 4Page - Texas Instruments LM10011_15 Datasheet HTML 5Page - Texas Instruments LM10011_15 Datasheet HTML 6Page - Texas Instruments LM10011_15 Datasheet HTML 7Page - Texas Instruments LM10011_15 Datasheet HTML 8Page - Texas Instruments LM10011_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
VDD
IDAC_OUT
GND
VIDS
VIDC
VIDB
VIDA
SET
1
3
2
5
4
10
9
8
7
6
DAP
EN
MODE
LM10011
www.ti.com
SNVS822A – DECEMBER 2012 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
10-PIN
WSON PACKAGE
TOP VIEW
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
GND
1
Ground
IDAC_OUT
2
O
Output pin of the current DAC that connects to the feedback node of the regulator.
Positive supply input. Operating voltage is 2.97 V to 5.5 V. It is recommended to add a small
VDD
3
I
1-nF or greater bypass capacitor from this pin to GND.
EN
4
I
Precision enable input. The LM10011 will operate when the EN pin voltage exceeds 1.34 V.
MODE will set the VID operating mode. Connecting MODE to VDD will select a 4-bit parallel
MODE
5
interface. Connecting MODE to GND will select a 4-pin, 6-bit interface.
A resistor connected from SET to GND will set the start-up code (current) at the IDAC_OUT
SET
6
pin. There are 16 different start-up codes to select from.
VID digital input. In 6-bit mode: Bit 0 when VIDS transitions low; Bit 3 when VIDS transitions
VIDA
7
I
high. In 4-bit mode: Bit 0.
VID digital input. In 6-bit mode: Bit 1 when VIDS transitions low; Bit 4 when VIDS transitions
VIDB
8
I
high. In 4-bit mode: Bit 1.
VID digital input. In 6-bit mode: Bit 2 when VIDS transitions low; Bit 5 when VIDS transitions
VIDC
9
I
high. In 4-bit mode: Bit 2.
VID select line. In 6-bit mode: transition low selects lower 3 bits, transition high selects upper
VIDS
10
I
3 bits and updates the IDAC_OUT current to reflect the present VID code. In 4-bit mode: Bit
3.
Die Attach Pad. Not electrically connected to device, connect to system ground plane for
DAP
DAP
reduced thermal resistance.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD, EN, IDAC_OUT, MODE
–0.3
6
V
VIDA, VIDB, VIDC, VIDS
–0.3
6
V
Junction Temperature
150
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
If Military- or Aerospace-specified devices are required, please contact the Texas Instruments Sales Office / Distributors for availability
and specifications.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM10011


同様の部品番号 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011SD/NOPB TI-LM10011SD/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10011SDX/NOPB TI-LM10011SDX/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results

同様の説明 - LM10011_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10011 TI-LM10011 Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com