データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25017 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM25017
部品情報  LM25017 48-V, 650-mA Constant On-Time Synchronous Buck Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25017 データシート(HTML) 6 Page - Texas Instruments

Back Button LM25017_15 Datasheet HTML 2Page - Texas Instruments LM25017_15 Datasheet HTML 3Page - Texas Instruments LM25017_15 Datasheet HTML 4Page - Texas Instruments LM25017_15 Datasheet HTML 5Page - Texas Instruments LM25017_15 Datasheet HTML 6Page - Texas Instruments LM25017_15 Datasheet HTML 7Page - Texas Instruments LM25017_15 Datasheet HTML 8Page - Texas Instruments LM25017_15 Datasheet HTML 9Page - Texas Instruments LM25017_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
10
100
1,000
10,000
10
20
30
40
50
VIN (V)
RON=499KOhms
RON=250kOhms
RON=100kOhms
C014
0
4
8
12
16
20
0.00
0.25
0.50
0.75
1.00
1.25
V
FB (V)
VIN=48V
VIN=36V
VIN=24V
VIN=14V
C015
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
ICC (mA)
VIN=15V
C012
2
3
4
5
6
7
8
8
9
10
11
12
13
14
VCC (V)
VIN=48V
VIN=24V
VIN=48V
VIN=24V
C013
1 MHz
450 kHz
70
75
80
85
90
95
100
50
150
250
350
450
550
650
Load Current (mA)
VIN=13V
VIN=24V
VIN=36V
C010
Vout=10V, fsw=240 kHz
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
VIN (V)
VCCvsVIN
C011
LM25017
SNVS951D – DECEMBER 2012 – REVISED DECEMBER 2014
www.ti.com
6.7 Typical Characteristics
Figure 1. Efficiency at 200 kHz, 10 V
Figure 2. VCC vs VIN
Figure 3. VCC vs ICC
Figure 4. ICC vs External VCC
Figure 5. TON vs VIN and RON
Figure 6. TOFF (ILIM) vs VFB and VIN
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM25017


同様の部品番号 - LM25017_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25017MR/NOPB TI-LM25017MR/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25017MRE/NOPB TI-LM25017MRE/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25017MRX/NOPB TI-LM25017MRX/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25017SD/NOPB TI-LM25017SD/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
LM25017SDE/NOPB TI-LM25017SDE/NOPB Datasheet
337Kb / 19P
[Old version datasheet]   48V, 650mA Constant On-Time Synchronous Buck Regulator
More results

同様の説明 - LM25017_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25018 TI-LM25018_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25018 48-V, 325-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com