データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25115 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM25115
部品情報  LM25115 Secondary Side Post Regulator Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25115 データシート(HTML) 1 Page - Texas Instruments

  LM25115_15 Datasheet HTML 1Page - Texas Instruments LM25115_15 Datasheet HTML 2Page - Texas Instruments LM25115_15 Datasheet HTML 3Page - Texas Instruments LM25115_15 Datasheet HTML 4Page - Texas Instruments LM25115_15 Datasheet HTML 5Page - Texas Instruments LM25115_15 Datasheet HTML 6Page - Texas Instruments LM25115_15 Datasheet HTML 7Page - Texas Instruments LM25115_15 Datasheet HTML 8Page - Texas Instruments LM25115_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Main
Output
3.3V
VBIAS
FB
AGND
COMP
Sync
VCC
SS
HB
HO
HS
LO
PGND
VOUT
CO
CS
RAMP
Auxiliary
Output
2.0V
+12V
RS
FEEDBACK
Main Converter
PWM Controller
INPUT
Phase Signal
LM25115
www.ti.com
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
LM25115 Secondary Side Post Regulator Controller
Check for Samples: LM25115
1
FEATURES
DESCRIPTION
The LM25115 controller contains all of the features
2
Self-synchronization to Main Channel Output
necessary
to
implement
multiple
output
power
Free-run Mode for Buck Regulation of DC
converters
utilizing
the
Secondary
Side
Post
Input
Regulation (SSPR) technique. The SSPR technique
Leading Edge Pulse Width Modulation
develops a highly efficient and well regulated auxiliary
output from the secondary side switching waveform of
Voltage-mode Control with Current Injection
an isolated power converter. Regulation of the
and Input Line Feed-forward
auxiliary output voltage is achieved by leading edge
Operates from AC or DC Input up to 42V
pulse width modulation (PWM) of the main channel
Wide 4.5V to 30V Bias Supply Range
duty cycle. Leading edge modulation is compatible
with either current mode or voltage mode control of
Wide 0.75V to 13.5V Output Range.
the main output. The LM25115 drives external high
Top and Bottom Gate Drivers Sink 2.5A Peak
side and low side NMOS power switches configured
Adaptive Gate Driver Dead-time Control
as a synchronous buck regulator. A current sense
amplifier provides overload protection and operates
Wide Bandwidth Error Amplifier (4MHz)
over a wide common mode input range. Additional
Programmable Soft-start
features include a low dropout (LDO) bias regulator,
Thermal Shutdown Protection
error amplifier, precision reference, adaptive dead
time
control
of
the
gate
signals
and
thermal
TSSOP-16 or Thermally Enhanced WSON-16
shutdown.
Packages
Typical Application Circuit
Figure 1. Simplified Multiple Output Power Converter Utilizing SSPR Technique
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM25115_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115A TI-LM25115A Datasheet
917Kb / 26P
[Old version datasheet]   LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
National Semiconductor ...
LM25115AMT NSC-LM25115AMT Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM25115AMT/NOPB TI-LM25115AMT/NOPB Datasheet
917Kb / 26P
[Old version datasheet]   LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
National Semiconductor ...
LM25115AMTX NSC-LM25115AMTX Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
More results

同様の説明 - LM25115_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com