データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK672-630CN-E データシート(PDF) 5 Page - ON Semiconductor

部品番号 STK672-630CN-E
部品情報  2-phase Stepper Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-630CN-E データシート(HTML) 5 Page - ON Semiconductor

  STK672-630CN-E Datasheet HTML 1Page - ON Semiconductor STK672-630CN-E Datasheet HTML 2Page - ON Semiconductor STK672-630CN-E Datasheet HTML 3Page - ON Semiconductor STK672-630CN-E Datasheet HTML 4Page - ON Semiconductor STK672-630CN-E Datasheet HTML 5Page - ON Semiconductor STK672-630CN-E Datasheet HTML 6Page - ON Semiconductor STK672-630CN-E Datasheet HTML 7Page - ON Semiconductor STK672-630CN-E Datasheet HTML 8Page - ON Semiconductor STK672-630CN-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
STK672-630CN-E
No.2316-5/31
Measurement Circuit
(The terminal which is not appointed is open. The measurement circuit of STK672-630CN-E is the
same as STK672-640CN-E.)
13
17
10
19
12
15
14
6
4
5
3
1
A
A
GND
5V
1V
IILL
IIB
16
2
18
9
IILF
IILH
5V
GND
STK672-
63xCN-E
2. IILF,IILH,IILL,IIB
13
10
17
19
12
15
14
6
4
5
3
1
V
GND
Vsat
24V
23Ω
5V
5V
CLOCK
2
18
16
9
STK672-
63xCN-E
3. Vsat
12
10
17
13
15
14
19
2
4
5
3
1
STK672-
63xCN-E
V
24V
23Ω
GND
Vdf
96
16
18
1. Vdf
1K
7.5K
A
5V
Icco
GND
24V
100μ
0.62mH
Ioave
Ioave
fc
17
19
12
15
14
6
4
5
3
1
2
18
16
9
10
13
SW
Close SW at
mesurement of VOLF
910
VOLF
STK672-
63xCN-E
4. Icco, Ioave, fc,VOLF


同様の部品番号 - STK672-630CN-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-630C-E ONSEMI-STK672-630C-E Datasheet
243Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

同様の説明 - STK672-630CN-E

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com