データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1431-EP データシート(PDF) 6 Page - Texas Instruments

部品番号 TL1431-EP
部品情報  TL1431-EP Precision-Programmable Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1431-EP データシート(HTML) 6 Page - Texas Instruments

Back Button TL1431-EP_15 Datasheet HTML 2Page - Texas Instruments TL1431-EP_15 Datasheet HTML 3Page - Texas Instruments TL1431-EP_15 Datasheet HTML 4Page - Texas Instruments TL1431-EP_15 Datasheet HTML 5Page - Texas Instruments TL1431-EP_15 Datasheet HTML 6Page - Texas Instruments TL1431-EP_15 Datasheet HTML 7Page - Texas Instruments TL1431-EP_15 Datasheet HTML 8Page - Texas Instruments TL1431-EP_15 Datasheet HTML 9Page - Texas Instruments TL1431-EP_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Free-Air Temperature (GC)
-50
-25
0
25
50
75
100
125
2.48
2.49
2.5
2.51
2.52
D001
Free-Air Temperature (GC)
-50
-25
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
D002
TL1431-EP
SLVS529D – APRIL 2004 – REVISED JANUARY 2015
www.ti.com
7.7 Typical Characteristics
Data at high and low temperatures are applicable only within the recommended operating free-air temperature range.
Table 1. Table of Graphs
GRAPH TITLE
FIGURE
Reference voltage vs Free-Air Temperature
Figure 1
Reference current vs Free-Air Temperature
Figure 2
Cathode Current vs Cathode Voltage
Figure 3, Figure 4
Off-State Cathode Current vs Free-Air Temperature
Figure 5
Ratio of Delta Reference Voltage to Delta Cathode Voltage vs Free-Air Temperature
Figure 6
Equivalent Input-Noise Voltage vs Frequency
Figure 7
Equivalent Input-Noise Voltage Over a 10-s Period
Figure 11
Small-Signal Voltage Amplification vs Frequency
Figure 13
Reference Impedance vs Frequency
Figure 15
Pulse Response
Figure 17
Stability Boundary Conditions
Figure 19
VI(ref) = VKA
IKA = 10 mA
IKA = 10 mA
R1 = 10 k
Ω
R2 =
Figure 1. Reference Voltage vs Free-Air Temperature
Figure 2. Reference Current vs Free-Air Temperature
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated


同様の部品番号 - TL1431-EP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1431-EP TI1-TL1431-EP_15 Datasheet
1,021Kb / 23P
[Old version datasheet]   Precision-Programmable Reference
More results

同様の説明 - TL1431-EP_15

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com