データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1431-Q1 データシート(PDF) 4 Page - Texas Instruments

部品番号 TL1431-Q1
部品情報  PRECISION PROGRAMMABLE REFERENCE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1431-Q1 データシート(HTML) 4 Page - Texas Instruments

  TL1431-Q1_15 Datasheet HTML 1Page - Texas Instruments TL1431-Q1_15 Datasheet HTML 2Page - Texas Instruments TL1431-Q1_15 Datasheet HTML 3Page - Texas Instruments TL1431-Q1_15 Datasheet HTML 4Page - Texas Instruments TL1431-Q1_15 Datasheet HTML 5Page - Texas Instruments TL1431-Q1_15 Datasheet HTML 6Page - Texas Instruments TL1431-Q1_15 Datasheet HTML 7Page - Texas Instruments TL1431-Q1_15 Datasheet HTML 8Page - Texas Instruments TL1431-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TL1431Q1
PRECISION PROGRAMMABLE REFERENCE
SLVS534B − JUNE 2004 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, IKA = 10 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TEST
CIRCUIT
MIN
TYP
MAX
UNIT
VI(ref)
Reference input voltage
VKA = VI(ref)
25
°C
Figure 1
2490
2500
2510
mV
VI(ref)
Reference input voltage
VKA = VI(ref)
Full range
Figure 1
2470
2530
mV
VI(dev)
Deviation of reference input
voltage over full temperature
range‡
VKA = VI(ref)
Full range
Figure 1
17
55
mV
DV
I(ref)
DV
KA
Ratio of change in reference
input voltage to the change in
cathode voltage
∆VKA = 3 V to 36 V
Full range
Figure 2
−1.1
−2
mV/V
II(ref)
Reference input current
R1 = 10 k
Ω,
R2 =
25
°C
Figure 2
1.5
2.5
A
II(ref)
Reference input current
R1 = 10 k
Ω,
R2 =
Full range
Figure 2
4
µA
II(dev)
Deviation of reference input
current over full temperature
range‡
R1 = 10 k
Ω,
R2 =
Full range
Figure 2
0.5
2
µA
Imin
Minimum cathode current for
regulation
VKA = VI(ref)
25
°C
Figure 1
0.45
1
mA
Ioff
Off-state cathode current
VKA = 36 V,
VI(ref) = 0
25
°C
Figure 3
0.18
0.5
A
Ioff
Off-state cathode current
VKA = 36 V,
VI(ref) = 0
Full range
Figure 3
2
µA
|zKA|
Output impedance§
VKA = VI(ref), f ≤ 1 kHz,
IKA = 1 mA to 100 mA
25
°C
Figure 1
0.2
0.4
† Full range is −40°C to 125°C for Q-suffix devices.
‡ The deviation parameters VI(dev) and II(dev) are defined as the differences between the maximum and minimum values obtained over the rated
temperature range. The average full-range temperature coefficient of the reference input voltage
a
V
I(ref)
is defined as:
where:
∆TA is the rated operating temperature range of the device.
Max VI(ref)
Min VI(ref)
∆TA
VI(dev)
a
V
I(ref)
ppm
°C
+
V
I(dev)
V
I(ref)
at 25
°C
106
DT
A
a
V
I(ref)
is positive or negative, depending on whether minimum VI(ref) or maximum VI(ref), respectively, occurs at the lower temperature.
§ The output impedance is defined as: z
KA +
DV
KA
DI
KA
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is given by: |z
′| + DV
DI
,
which is approximately equal to z
KA
1
) R1
R2
.


同様の部品番号 - TL1431-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1431-Q1 TI1-TL1431-Q1 Datasheet
247Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI1-TL1431-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
More results

同様の説明 - TL1431-Q1_15

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com