データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1431-SP データシート(PDF) 2 Page - Texas Instruments

部品番号 TL1431-SP
部品情報  CLASS V, PRECISION PROGRAMMABLE REFERENCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1431-SP データシート(HTML) 2 Page - Texas Instruments

  TL1431-SP_15 Datasheet HTML 1Page - Texas Instruments TL1431-SP_15 Datasheet HTML 2Page - Texas Instruments TL1431-SP_15 Datasheet HTML 3Page - Texas Instruments TL1431-SP_15 Datasheet HTML 4Page - Texas Instruments TL1431-SP_15 Datasheet HTML 5Page - Texas Instruments TL1431-SP_15 Datasheet HTML 6Page - Texas Instruments TL1431-SP_15 Datasheet HTML 7Page - Texas Instruments TL1431-SP_15 Datasheet HTML 8Page - Texas Instruments TL1431-SP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CATHODE
REF
ANODE
800
2.4 k
4 k
20 pF
1 k
7.2 k
800
800
150
10 k
3.28 k
20 pF
1
8
2, 3, 6, 7
TL1431-SP
SLVSB44B – JULY 2012 – REVISED SEPTEMBER 2013
www.ti.com
EQUIVALENT SCHEMATIC
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
37
V
IKA
Continuous cathode current range
–100
150
mA
II(ref)
Reference input current range
–0.05
10
mA
JG package
14.5
θJC
Package thermal impedance(3) (4)
°C/W
U package
19.1
TJ
Operating virtual junction temperature
150
°C
Lead temperature
1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), θJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) – TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with MIL-STD-883.
Recommended Operating Conditions
MIN
MAX
UNIT
VKA
Cathode voltage
VI(ref)
36
V
IKA
Cathode current
1
100
mA
TA
Operating free-air temperature
–55
125
°C
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TL1431-SP


同様の部品番号 - TL1431-SP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1431-SP TI1-TL1431-SP_13 Datasheet
253Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
More results

同様の説明 - TL1431-SP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1431-SP TI1-TL1431-SP Datasheet
186Kb / 13P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI1-TL1431-SP_13 Datasheet
253Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI-TL1431-SP_V01 Datasheet
282Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com