データシートサーチシステム |
|
BFY90 データシート(PDF) 1 Page - Microsemi Corporation |
|
BFY90 データシート(HTML) 1 Page - Microsemi Corporation |
1 / 4 page MSC1310.PDF 10-25-99 BFY90 DESCRIPTION: Silicon NPN transistor, designed for VHF/UHF equipment. Applications include low noise amplifier; oscillator, and mixer applications. ABSOLUTE MAXIMUM RATINGS (Tcase = 25 °C) Symbol Parameter Value Unit VCEO Collector-Emitter Voltage 15 Vdc VCBO Collector-Base Voltage 30 Vdc VEBO Emitter-Base Voltage 2.5 Vdc IC Collector Current 50 mA Thermal Data P D Total Device Dissipation @ TA = 25ºC Derate above 25ºC 200 1.14 mWatts mW/ ºC 1 2 3 4 1. Emitter 2. Base 3. Collector 4. Case TO-72 Features • Silicon NPN, To-72 packaged VHF/UHF Transistor • Low Noise, 2.5 dB (typ) @ 500 MHz, 5v, 2.0 mA, • 1.3 GHz Current-Gain Bandwidth Product @ 25mA IC • Power Gain, G PE = 19 dB (typ) @ 200 MHz 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855 RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS |
同様の部品番号 - BFY90 |
|
同様の説明 - BFY90 |