データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1846-EP データシート(PDF) 5 Page - Texas Instruments

部品番号 UC1846-EP
部品情報  CURRENT-MODE PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1846-EP データシート(HTML) 5 Page - Texas Instruments

  UC1846-EP_15 Datasheet HTML 1Page - Texas Instruments UC1846-EP_15 Datasheet HTML 2Page - Texas Instruments UC1846-EP_15 Datasheet HTML 3Page - Texas Instruments UC1846-EP_15 Datasheet HTML 4Page - Texas Instruments UC1846-EP_15 Datasheet HTML 5Page - Texas Instruments UC1846-EP_15 Datasheet HTML 6Page - Texas Instruments UC1846-EP_15 Datasheet HTML 7Page - Texas Instruments UC1846-EP_15 Datasheet HTML 8Page - Texas Instruments UC1846-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
G +
DVPIN7
DVPIN4
UC1846-EP
CURRENT-MODE PWM CONTROLLER
SGLS329 – MAY 2006
Electrical Characteristics (continued)
T
A = –55°C to 125°C, VIN = 15 V, RT = 10 k, CT = 4.7 nF, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current-Sense Amplifier
Amplifier gain
VPIN3 = 0 V, Pin 1 open(2)(3)
2.5
2.75
3
V
Maximum differential input signal
Pin 1 open,(2) RL (pin 7) = 15 kW
1.1
1.2
V
(VPIN4 – VPIN3)
Input offset voltage
VPIN1 = 0.5 V, Pin 7 open(2)
5
25
mV
CMRR
VCM = 1 V to 12 V
60
83
dB
PSRR
VIN = 8 V to 40 V
60
84
dB
Input bias current
VPIN1 = 0.5 V, Pin 7 open(2)
–2.5
–10
µA
Input offset current
VPIN1 = 0.5 V, Pin 7 open(2)
0.08
1
µA
Input common-mode range
0
VIN – 3
V
Delay to outputs
TJ = 25°C(4)
200
500
ns
Current-Limit Adjust
Current-limit offset
VPIN3 = 0 V, VPIN4 = 0 V, Pin 7 open(2)
0.45
0.5
0.55
V
Input bias current
VPIN5 = VREF, VPIN6 = 0 V
–10
–30
µA
Shutdown Terminal
Threshold voltage
250
350
400
mV
Input voltage range
0
VIN
V
Minimum latching current (IPIN1)(5)
3
1.5
mA
Maximum nonlatching current (IPIN1)(6)
1.5
0.8
mA
Delay to outputs
TJ = 25°C(4)
300
600
ns
Output
Collector-emitter voltage
40
V
Collector leakage current
VC = 40 V
200
µA
ISINK = 20 mA
0.1
0.4
Output low level
V
ISINK = 100 mA
0.4
2.1
ISOURCE = 20 mA
13
13.5
Output high level
V
ISOURCE = 100 mA
12
13.5
Rise time
CL = 1 nF, TJ = 25°C(4)
50
300
ns
Fall time
CL = 1 nF, TJ = 25°C(4)
50
300
ns
Undervoltage Lockout
Start-up threshold
7.7
8
V
Threshold hysteresis
0.75
V
Total Standby Current
Supply current
17
21
mA
(2)
Parameter measured at trip point of latch with VPIN5 = VREF, VPIN6 = 0 V.
(3)
Amplifier gain defined as:
where VPIN4 = 0 to 1 V
(4)
These parameters, although specified over the recommended operating conditions, are not 100% tested in production.
(5)
Current into pin 1 is ensured to latch circuit in shutdown state.
(6)
Current into pin 1 is ensured not to latch circuit in shutdown state.
5
Submit Documentation Feedback


同様の部品番号 - UC1846-EP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1846-EP TI1-UC1846-EP Datasheet
338Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

同様の説明 - UC1846-EP_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com