データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1846-EP データシート(PDF) 11 Page - Texas Instruments

部品番号 UC1846-EP
部品情報  CURRENT-MODE PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1846-EP データシート(HTML) 11 Page - Texas Instruments

Back Button UC1846-EP_15 Datasheet HTML 7Page - Texas Instruments UC1846-EP_15 Datasheet HTML 8Page - Texas Instruments UC1846-EP_15 Datasheet HTML 9Page - Texas Instruments UC1846-EP_15 Datasheet HTML 10Page - Texas Instruments UC1846-EP_15 Datasheet HTML 11Page - Texas Instruments UC1846-EP_15 Datasheet HTML 12Page - Texas Instruments UC1846-EP_15 Datasheet HTML 13Page - Texas Instruments UC1846-EP_15 Datasheet HTML 14Page - Texas Instruments UC1846-EP_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
–Bypass capacitance should be low ESR and ESL type.
–Short pins 6 and 7 for unity gain testing.
UC1846-EP
(12 V)
Frequency Set and
Max Duty Cycle RT
Timing
Cap CT
5 V
5 V
5 V
Current-Limit
Adjust
ISENSE
Adjust
(91 V PK)
1 nF
0.1 mF
4.7 nF
Duty-Cycle
Adjust
VREF (5-V Output)
VIN (12 V)
5 V
0.1 mF
150 W
150 W
UC1846-EP
CURRENT-MODE PWM CONTROLLER
SGLS329 – MAY 2006
APPLICATION INFORMATION (continued)
Figure 10. Open-Loop Test Circuit
11
Submit Documentation Feedback


同様の部品番号 - UC1846-EP_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1846-EP TI1-UC1846-EP Datasheet
338Kb / 15P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

同様の説明 - UC1846-EP_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com