データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M37272M6 データシート(PDF) 3 Page - Mitsubishi Electric Semiconductor

部品番号 M37272M6
部品情報  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER????
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37272M6 データシート(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M37272M6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37272M6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37272M6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37272M6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37272M6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37272M6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37272M6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37272M6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37272M6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 142 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
P06/INT2/AD4
XOUT
P50/HSYNC
P51/VSYNC
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3
P04/PWM4
P05/PWM5
P07/INT1
P23/TIM3
P24/TIM2
P25
AVCC
HLF
VHOLD
CVIN
CNVSS
XIN
VSS
P52/R
P53/G
P54/B
P55/OUT1
P20/SCLK
P21/SOUT
P22/SIN
P10/OUT2
P11/SCL1
P12/SCL2
P13/SDA1
P14/SDA2
P15/AD1/INT3
P16/AD2
P30/AD5
P31/AD6
RESET
P26/OSC1/XCIN
P27/OSC2/XCOUT
VCC
P17/AD3
4. PIN CONFIGURATION
Outline 42P4B
Fig. 4.1 Pin Configuration (1) (Top View)
Outline 42P2R-A/E
Fig. 4.2 Pin Configuration (2) (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
P06/INT2/AD4
XOUT
P50/HSYNC
P51/VSYNC
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3
P04/PWM4
P05/PWM5
P07/INT1
P23/TIM3
P24/TIM2
P25
AVCC
HLF
VHOLD
CVIN
CNVSS
XIN
VSS
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
P52/R
P53/G
P54/B
P55/OUT1
P20/SCLK
P21/SOUT
P22/SIN
P10/OUT2
P11/SCL1
P12/SCL2
P13/SDA1
P14/SDA2
P15/AD1/INT3
P16/AD2
P30/AD5
P31/AD6
RESET
P26/OSC1/XCIN
P27/OSC2/XCOUT
VCC
P17/AD3
3
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37272M6/M8–XXXSP/FP, M37272MA–XXXSP
M37272E8SP/FP, M37272EFSP
MITSUBISHI MICROCOMPUTERS
Rev. 1.4


同様の部品番号 - M37272M6

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
M37272M6 RENESAS-M37272M6 Datasheet
1Mb / 143P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37272M6-XXXFP RENESAS-M37272M6-XXXFP Datasheet
1Mb / 143P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37272M6-XXXSP RENESAS-M37272M6-XXXSP Datasheet
1Mb / 143P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37272M6H MITSUBISHI-M37272M6H Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M37272M6H RENESAS-M37272M6H Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

同様の説明 - M37272M6

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com