データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33064LP データシート(PDF) 3 Page - Microsemi Corporation

部品番号 MC33064LP
部品情報  UNDERVOLTAGE SENSING CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MC33064LP データシート(HTML) 3 Page - Microsemi Corporation

  MC33064LP Datasheet HTML 1Page - Microsemi Corporation MC33064LP Datasheet HTML 2Page - Microsemi Corporation MC33064LP Datasheet HTML 3Page - Microsemi Corporation MC33064LP Datasheet HTML 4Page - Microsemi Corporation MC33064LP Datasheet HTML 5Page - Microsemi Corporation MC33064LP Datasheet HTML 6Page - Microsemi Corporation MC33064LP Datasheet HTML 7Page - Microsemi Corporation MC33064LP Datasheet HTML 8Page - Microsemi Corporation MC33064LP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
U NDER VOL T AGE S ENSING C IRCUIT
MC33064/MC34064
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.3
6/99
P RODUCTION
D AT A
S HEET
Input Supply Voltage
V
IN
RESET Output Voltage
V
OUT
Clamp Diode Forward Current
I
F
Operating Ambient Temperature Range:
MC34064
T
A
MC33064
T
A
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
1
6.5
V
6.5
V
50mA
070
°C
-40
85
°C
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures of 0°C
≤ T
A ≤ 70°C for the MC34064 and -40°C ≤ TA ≤ 85°C
for the MC33064. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
Comparator Section
4.5
4.61
4.7
V
4.5
4.59
4.7
V
0.01
0.02
0.05
V
Threshold Voltage
High State Output
V
T+
V
IN Increasing — 4V to 5V
Low State Output
V
T-
V
IN Decreasing — 5V to 4V
Hysteresis
V
H
1.0
V
0.4
V
0.1
V
10
27
60
mA
0.02
0.5
µA
0.6
0.9
1.2
V
Output Low Level Saturation Voltage
V
IN = 4.0V, IOL = 8.0mA
V
OL
V
IN = 4.0V, IOL = 2.0mA
V
IN = 1.0V, IOL = 0.1mA
Output Low Level Current
I
OL
V
IN = VOUT = 4.0V
Output Off-State Leakage
I
OH
V
IN = VOUT = 5.0V
Clamp Diode Forward Voltage
V
F
Pin 1 to pin 2, I
F = 10mA
Total Device
RESET
Output Section
390
500
µA
MC34064/MC33064
Min.
Typ.
Max.
Supply Current
I
CC
V
IN = 5.0V


同様の部品番号 - MC33064LP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33064 MOTOROLA-MC33064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064D-005G ONSEMI-MC33064D-005G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results

同様の説明 - MC33064LP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com