データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10166FN データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10166FN
部品情報  5?묪it Magnitude Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10166FN データシート(HTML) 1 Page - ON Semiconductor

  MC10166FN Datasheet HTML 1Page - ON Semiconductor MC10166FN Datasheet HTML 2Page - ON Semiconductor MC10166FN Datasheet HTML 3Page - ON Semiconductor MC10166FN Datasheet HTML 4Page - ON Semiconductor MC10166FN Datasheet HTML 5Page - ON Semiconductor MC10166FN Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
MC10166/D
MC10166
5−Bit Magnitude
Comparator
The MC10166 is a high speed expandable 5−bit comparator for
comparing the magnitude of two binary words. Two outputs are
provided: A < B and A > B. A = B can be obtained by NORing the two
outputs with an additional gate. A high level on the enable function
forces both outputs low. Multiple MC10166s may be used for larger
word comparisons.
PD = 440 mW typ/pkg (No Load)
tpd =Data to Output 6.0 ns typ
E to output 2.5 ns typ
tr, tf = 2.0 ns typ (20%−80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
A4 9
B4 10
A3 12
B3 11
A2 13
B2 14
A1 6
B1 7
A0 5
B0 4
E 15
2 A > B
3 A < B
TRUTH TABLE
Inputs
Outputs
E
A
B
A < B
A > B
H
X
X
L
L
L
Word A = Word B
L
L
L
Word A > Word B
L
H
L
Word A < Word B
H
L
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10166L
CDIP−16
25 Units / Rail
MC10166P
PDIP−16
25 Units / Rail
MC10166FN
PLCC−20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP−16
L SUFFIX
CASE 620
MC10166L
AWLYYWW
PDIP−16
P SUFFIX
CASE 648
PLCC−20
FN SUFFIX
CASE 775
10166
AWLYYWW
1
1
16
MC10166P
AWLYYWW
DIP PIN ASSIGNMENT
VCC1
A>B
A<B
B0
A0
A1
B1
VEE
VCC2
E
B2
A2
A3
B3
B4
A4
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables
on page 18 of the ON Semiconductor MECL Data Book
(DL122/D).


同様の部品番号 - MC10166FN

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10161 ONSEMI-MC10161 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161FN ONSEMI-MC10161FN Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
MC10161L ONSEMI-MC10161L Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results

同様の説明 - MC10166FN

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H166 ONSEMI-MC10H166_06 Datasheet
155Kb / 8P
   5?묪it Magnitude Comparator
March, 2006 ??Rev. 7
MC14585B ONSEMI-MC14585B_06 Datasheet
104Kb / 7P
   4?묪it Magnitude Comparator
June, 2006 ??Rev. 6
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
   5-Bit Magnitude Comparator
1996 REV 5
logo
National Semiconductor ...
DM7160 NSC-DM7160 Datasheet
103Kb / 4P
   Magnitude Comparator
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
   9-BIT MAGNITUDE COMPARATOR
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
STMicroelectronics
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com