データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT81S データシート(PDF) 1 Page - GOOD-ARK Electronics

部品番号 BAT81S
部品情報  Small Signal Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BAT81S データシート(HTML) 1 Page - GOOD-ARK Electronics

  BAT81S_15 Datasheet HTML 1Page - GOOD-ARK Electronics BAT81S_15 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
686
Case: DO-35 Glass Case
Weight: max. 130 mg
Cathode Band Color: Black
Integrated protection ring against static discharge
Low capacitance
Low leakage current
Low forward voltage drop
Very low switching time
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tt
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
R
S
1
8
T
A
BV
R
0
4V
S
2
8
T
A
BV
R
0
5V
S
3
8
T
A
BV
R
0
6V
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
Pt
p <
0
1 msI
M
S
F
0
0
5
mA
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
Rt
p <
s
1I
M
R
F
0
5
1
mA
t
n
e
r
r
u
c
d
r
a
w
r
o
F
I
F
0
3
mA
BAT81S / 82S / 83S
Small Signal Schottky Barrier Diodes
Absolute Maximum Ratings
( T
amb=25
oC unless otherwise specified )
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tl
o
b
m
y
Se
u
l
a
Vt
i
n
U
t
n
e
i
b
m
a
n
o
i
t
c
n
u
J
T
,
m
m
4
=
I
L
t
n
a
t
s
n
o
c
=R
A
J
h
t
0
2
3W
/
K
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
o
r
t
S
T
g
t
s
0
5
1
+
o
t
5
6
-
oC
Mechanical Data
Features
Applications
Thermal Characteristics
( T
amb=25
oC unless otherwise specified )
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
d
r
a
w
r
o
F
I
F
1
.
0
=
mA
V
F
0
3
3
mV
I
F
1
= mA
0
1
4
mV
I
F
5
1
=
mA1
V
t
n
e
r
r
u
c
e
s
r
e
v
e
R
V
R
V
=
.
x
a
M
R
I
R
0
0
2
nA
e
c
n
a
t
i
c
a
p
a
c
e
d
o
i
DV
R
,
V
1
=z
H
M
1
=
fC
D
6
.
1
pF
Electrical Characteristics
( T
amb=25
oC unless otherwise specified )
General purpose and switching Schottky barrier diode
HF-Detector
Protection circuit
Diode for low currents with a low supply voltage
Small battery charger
Power supplies
DC / DC converter for notebooks


同様の部品番号 - BAT81S_15

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BAT81S VISHAY-BAT81S_15 Datasheet
80Kb / 4P
   Small Signal Schottky Diode
Rev. 1.9, 06-May-13
More results

同様の説明 - BAT81S_15

メーカー部品番号データシート部品情報
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
   Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
   Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
logo
List of Unclassifed Man...
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT103AD ETC1-SBT103AD Datasheet
42Kb / 3P
   Small-Signal Schottky Barrier Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com