データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSAHX75L60C データシート(PDF) 1 Page - Microsemi Corporation

部品番号 MSAHX75L60C
部品情報  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSAHX75L60C データシート(HTML) 1 Page - Microsemi Corporation

  MSAHX75L60C Datasheet HTML 1Page - Microsemi Corporation MSAHX75L60C Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSAHX75L60C
600 Volts
75 Amps
1.8 Volts vce(sat)
Features
• Rugged polysilicon gate cell structure
• high current handling capability, latch-proof
• Hermetically sealed, surface mount power package
• Low package inductance
Very low thermal resistance
Reverse polarity available upon request: MSAHX75L60D
low VCE(sat) IGBT, low conduction losses
DESCRIPTION
SYMBOL
MAX.
UNIT
Collector-to-Emitter Breakdown Voltage (Gate Shorted to Emitter)
@ TJ
≥ 25°C
BVCES
600
Volts
Collector-to-Gate Breakdown Voltage @ TJ
≥ 25°C, RGS= 1 MΩ
BVCGR
600
Volts
Continuous Gate-to-Emitter Voltage
VGES
+/-20
Volts
Transient Gate-to-Emitter Voltage
VGEM
+/-30
Volts
Continuous Collector Current
Tj= 25
°C
Tj=
90
°C
IC25
IC90
75
60
Amps
Peak Collector Current, pulse width limited by Tjmax,
ICM
200
Amps
Safe Operating Area (RBSOA) @ VGE= 15V, L= 30
µH (clamped inductive
load), RG= 2.7
Ω, Tj= 125°C, VCE= 0.8 x VCES
Imax
100
Amps
Power Dissipation
PD
300
Watts
Junction Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Thermal Resistance, Junction to Case
θ
JC
0.25
°C/W
Maximum Ratings @ 25
°°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0296A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
N-CHANNEL
INSULATED GATE
BIPOLAR TRANSISTOR
COLLECTOR
EMITTER
GATE


同様の部品番号 - MSAHX75L60C

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAHX60F60A MICROSEMI-MSAHX60F60A Datasheet
50Kb / 2P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

同様の説明 - MSAHX75L60C

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
   N-channel Insulated-Gate Bipolar Transistor
SSM28G45EM SSC-SSM28G45EM Datasheet
263Kb / 4P
   N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Microsemi Corporation
MSAGX75F60A MICROSEMI-MSAGX75F60A Datasheet
45Kb / 2P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com